Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTQ36N50P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTQ36N50P
Description  N-Channel Enhancement Mode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTQ36N50P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTQ36N50P Datasheet HTML 1Page - IXYS Corporation IXTQ36N50P Datasheet HTML 2Page - IXYS Corporation IXTQ36N50P Datasheet HTML 3Page - IXYS Corporation IXTQ36N50P Datasheet HTML 4Page - IXYS Corporation IXTQ36N50P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2004 IXYS All rights reserved
G = Gate
D = Drain
S = Source
TAB = Drain
DS99228(11/04)
PolarHVTM
Power MOSFET
IXTQ 36N50P
V
DSS
= 500
V
IXTT 36N50P
I
D25
=
36
A
R
DS(on)
≤≤≤≤≤ 170 mΩ
Ω
Ω
Ω
Ω
Advanced Technical Information
N-Channel Enhancement Mode
Features
International standard packages
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density
TO-268 (IXTT)
G
S
D (TAB)
TO-3P (IXTQ)
G
D
S
D (TAB)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min. Typ.
Max.
V
DSS
V
GS
= 0 V, I
D = 250 μA
500
V
V
GS(th)
V
DS
= V
GS, ID = 250μA
2.5
5.0
V
I
GSS
V
GS
=
±30 V
DC, VDS = 0
±100
nA
I
DSS
V
DS
= V
DSS
25
μA
V
GS = 0 V
T
J = 125°C
250
μA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 ID25
170
m
Ω
Pulse test, t
≤ 300 μs, duty cycle d ≤ 2 %
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
500
V
V
GSS
±20
V
V
GSM
±30
V
I
D25
T
C
= 25
°C36
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
100
A
I
AR
T
C
= 25
°C36
A
E
AR
T
C
= 25
°C50
mJ
E
AS
T
C
= 25
°C
1.5
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/μs, VDD ≤ VDSS,
10
V/ns
T
J
≤ 150°C, R
G = 4 Ω
P
D
T
C
= 25
°C
500
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
Plastic body
250
°C
M
d
Mounting torque
(TO-3P)
1.13/10 Nm/lb.in.
Weight
TO-3P
5.5
g
TO-268
5.0
g


Similar Part No. - IXTQ36N50P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTQ36N50P IXYS-IXTQ36N50P Datasheet
384Kb / 5P
   PolarHV Power MOSFET
logo
Inchange Semiconductor ...
IXTQ36N50P ISC-IXTQ36N50P Datasheet
312Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTQ36N50P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com