Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1KSMBJ10 Datasheet(PDF) 2 Page - Littelfuse

Part # 1KSMBJ10
Description  Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1KSMBJ10 Datasheet(HTML) 2 Page - Littelfuse

  1KSMBJ10 Datasheet HTML 1Page - Littelfuse 1KSMBJ10 Datasheet HTML 2Page - Littelfuse 1KSMBJ10 Datasheet HTML 3Page - Littelfuse 1KSMBJ10 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silicon Avalanche Diodes
271
www .littelfuse .com
6
Reverse
Stand Off
Voltage
VR
(Volts)
Part
Number
Breakdown
Voltage
VBR (Volts) @
IT
MIN
MAX
IT (mA)
Maximum
Reverse
Leakage
IR @ VR
(µA)
Maximum
Clamping
Voltage
VC @
IPP
(Volts)
Maximum
Peak Pulse
Current
IPP
(A)
1KSMBJ Series
1KSMBJ 6.8
N10A
5.50
6.12
7.46
10.0
1000.0 (4)
10.8
92.5
1KSMBJ 6.8A
N10B
5.80
6.45
7.14
10.0
1000.0 (4)
10.5
95.0
1KSMBJ 7.5
N10C
6.05
6.75
8.25
10.0
500.0 (4)
11.7
85.0
1KSMBJ 7.5A
N10D
6.40
7.13
7.88
10.0
500.0 (4)
11.3
88.3
1KSMBJ 8.2
N10E
6.63
7.38
9.02
10.0
200.0 (4)
12.5
80.0
1KSMBJ 8.2A
N10F
7.02
7.79
8.61
10.0
200.0 (4)
12.1
83.3
1KSMBJ 9.1
N10G
7.37
8.19
10.0
1.0
50.0 (4)
13.8
73.3
1KSMBJ 9.1A
N10H
7.78
8.65
9.55
1.0
50.0 (4)
13.4
75.0
1KSMBJ 10
N10I
8.10
9.00
11.0
1.0
10.0 (4)
15.0
66.7
1KSMBJ 10A
N10J
8.55
9.50
10.5
1.0
10.0 (4)
14.5
68.3
1KSMBJ 11
N10K
8.92
9.90
12.1
1.0
5.0 (4)
16.2
61.7
1KSMBJ 11A
N10L
9.40
10.5
11.6
1.0
5.0 (4)
15.6
63.3
1KSMBJ 12
N10M
9.72
10.80
13.2
1.0
5.0 (4)
17.3
58.3
1KSMBJ 12A
N10N
10.2
11.4
12.6
1.0
5.0
16.7
60.0
1KSMBJ 13
N10O
10.5
11.7
14.3
1.0
5.0
19.0
53.3
1KSMBJ 13A
N10P
11.1
12.4
13.7
1.0
5.0
18.2
55.0
1KSMBJ 15
N10Q
12.1
13.5
16.5
1.0
5.0
22.0
45.0
1KSMBJ 15A
N10R
12.8
14.3
15.8
1.0
5.0
21.2
46.7
1KSMBJ 16
N10S
12.9
14.4
17.6
1.0
5.0
23.5
43.3
1KSMBJ 16A
N10T
13.6
15.2
16.8
1.0
5.0
22.5
45.0
1KSMBJ 18
N10U
14.5
16.2
19.8
1.0
5.0
26.5
38.0
1KSMBJ 18A
N10V
15.3
17.1
18.9
1.0
5.0
25.2
40.0
1KSMBJ 20
N10W
16.2
18.0
22.0
1.0
5.0
29.1
35.0
1KSMBJ 20A
N10X
17.1
19.0
21.0
1.0
5.0
27.7
36.7
1KSMBJ 22
N10Y
17.8
19.8
24.2
1.0
5.0
31.9
31.7
1KSMBJ 22A
N10Z
18.8
20.9
23.1
1.0
5.0
30.6
33.3
1KSMBJ 24
O10A
19.4
21.6
26.4
1.0
5.0
34.7
28.3
1KSMBJ 24A
O10B
20.5
22.8
25.2
1.0
5.0
33.2
30.0
1KSMBJ 27
O10C
21.8
24.3
29.7
1.0
5.0
39.1
25.5
1KSMBJ 27A
O10D
23.1
25.7
28.4
1.0
5.0
37.5
26.7
1KSMBJ 30
O10E
24.3
27.0
33.0
1.0
5.0
43.5
22.9
1KSMBJ 30A
O10F
25.6
28.5
31.5
1.0
5.0
41.4
24.0
1KSMBJ 33
O10G
26.8
29.7
36.3
1.0
5.0
47.7
21.0
1KSMBJ 33A
O10H
28.2
31.4
34.7
1.0
5.0
45.7
22.0
1KSMBJ 36
O10I
29.1
32.4
39.6
1.0
5.0
52.0
19.2
1KSMBJ 36A
O10J
30.8
34.2
37.8
1.0
5.0
49.9
20.0
ELECTRICAL SPECIFICATION @ Tamb 25°C
Notes:
1.
All testing is performed at Tamb = 25˚C (+/- 3˚C)
2.
Bv is measured using a pulse of 20 milliseconds or less
3.
Ir is doubled for Bi-directional devices only with VR equal or less than 10 volts
4.
Peak Pulse Current is quoted @ 10/1000
µsec
5.
All parameters are stated as tested on a FET Tester Model 3400
6.
Devices are uni-directional. Vf is not specified.
1000W Surface Mount Transient Voltage Suppressor
®
Device
Code
RoHS


Similar Part No. - 1KSMBJ10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMBJ10 LITTELFUSE-1KSMBJ10 Datasheet
217Kb / 4P
   1000W Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
1KSMBJ10 SUNMATE-1KSMBJ10 Datasheet
519Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1KSMBJ100 SUNMATE-1KSMBJ100 Datasheet
519Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1KSMBJ100A SUNMATE-1KSMBJ100A Datasheet
519Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Littelfuse
1KSMBJ10A LITTELFUSE-1KSMBJ10A Datasheet
217Kb / 4P
   1000W Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1KSMBJ10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMBJ75CA LITTELFUSE-1KSMBJ75CA Datasheet
217Kb / 4P
   1000W Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMB10J TSC-SMB10J Datasheet
186Kb / 5P
   1000W Surface Mount Transient Voltage Suppressor
1KSMB TSC-1KSMB Datasheet
237Kb / 6P
   1000W, 10V - 100V Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
10BJ LEIDITECH-10BJ Datasheet
745Kb / 6P
   1000W Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
1.5SMC12AQ YANGJIE-1.5SMC12AQ Datasheet
245Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
SMDJ RFE-SMDJ Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
28-APR-2023
logo
SUNMATE electronic Co.,...
CD214B-T5.0A SUNMATE-CD214B-T5.0A Datasheet
510Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Yangzhou yangjie electr...
P4SMA12AQ YANGJIE-P4SMA12AQ Datasheet
233Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
SMCJ10AQ YANGJIE-SMCJ10AQ Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
5.0SMDJ RFE-5.0SMDJ Datasheet
1Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
16-02-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com