Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA25N120AN Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FGA25N120AN
Description  IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA25N120AN Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FGA25N120AN Datasheet HTML 1Page - Fairchild Semiconductor FGA25N120AN Datasheet HTML 2Page - Fairchild Semiconductor FGA25N120AN Datasheet HTML 3Page - Fairchild Semiconductor FGA25N120AN Datasheet HTML 4Page - Fairchild Semiconductor FGA25N120AN Datasheet HTML 5Page - Fairchild Semiconductor FGA25N120AN Datasheet HTML 6Page - Fairchild Semiconductor FGA25N120AN Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FGA25N120AN Rev. A
©2004 Fairchild Semiconductor Corporation
10
20
30
40
50
100
Common Emitter
V
GE
= ± 15V, R
G
= 10
T
C
= 25℃
T
C
= 125℃
td(off)
tf
Collector Current, I
C
[A]
0
10
203040
506070
1
10
Common Emitter
V
CC
= 600V, V
GE
= ± 15V
I
C
= 25A
T
C
= 25℃
T
C
= 125℃
Eon
Eoff
Gate Resistance, R
G
[
Ω]
0
10
20304050
6070
10
100
1000
Common Emitter
V
CC
= 600V, V
GE
= ± 15V
I
C
= 25A
T
C
= 25℃
T
C
= 125℃
td(off)
tf
Gate Resistance, R
G
[
Ω]
0
102030
40
5060
70
10
100
Common Emitter
V
CC
= 600V, V
GE
= ± 15V
I
C
= 25A
T
C
= 25℃
T
C
= 125℃
td(on)
tr
Gate Resistance, R
G
[
Ω]
110
0
500
1000
1500
2000
2500
3000
3500
4000
Ciss
Coss
Common Emitter
V
GE
= 0V, f = 1MHz
T
C
= 25℃
Crss
Collector-Emitter Voltage, V
CE
[V]
Fig 7. Capacitance Characteristics
Fig 8. Turn-On Characteristics vs. Gate
Resistance
Fig 9. Turn-Off Characteristics vs.
Gate Resistance
Fig 10. Switching Loss vs. Gate Resistance
Fig 11. Turn-On Characteristics vs.
Collector Current
Fig 12. Turn-Off Characteristics vs.
Collector Current
10
20
30
40
50
100
Common Emitter
V
GE
= ± 15V, R
G
= 10
T
C
= 25℃
T
C
= 125℃
tr
td(on)
Collector Current, I
C
[A]


Similar Part No. - FGA25N120AN

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
FGA25N120AN KERSEMI-FGA25N120AN Datasheet
926Kb / 6P
   High speed switching
logo
Inchange Semiconductor ...
FGA25N120AN ISC-FGA25N120AN Datasheet
377Kb / 4P
   IGBT
logo
Fairchild Semiconductor
FGA25N120AND FAIRCHILD-FGA25N120AND Datasheet
567Kb / 8P
   IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
More results

Similar Description - FGA25N120AN

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com