Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC1G14DFT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC1G14DFT2G
Description  Inverter with Schmitt-Trigger Input
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC1G14DFT2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC1G14DFT2G Datasheet HTML 1Page - ON Semiconductor MC74HC1G14DFT2G Datasheet HTML 2Page - ON Semiconductor MC74HC1G14DFT2G Datasheet HTML 3Page - ON Semiconductor MC74HC1G14DFT2G Datasheet HTML 4Page - ON Semiconductor MC74HC1G14DFT2G Datasheet HTML 5Page - ON Semiconductor MC74HC1G14DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74HC1G14
http://onsemi.com
4
*Includes all probe and jig capacitance.
A 1−MHz square input wave is recommended for
propagation delay tests.
Figure 4. Switching Waveforms
Figure 5. Test Circuit
CL*
INPUT
OUTPUT
VCC
GND
50%
50%
INPUT A
OUTPUT Y
tPHL
tPLH
90%
10%
90%
10%
tTLH
tTHL
tr
tf
DEVICE ORDERING INFORMATION
Device Nomenclature
Device Order
Number
Logic
Circuit
Indicator
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Tape and
Reel
Suffix
Package Type
Tape and
Reel Size†
MC74HC1G14DFT1
MC
74
HC1G
14
DF
T1
SC70−5/SC−88A/
SOT−353
178 mm (7 in)
3000 Unit
MC74HC1G14DFT1G
MC
74
HC1G
14
DF
T1
SC70−5/SC−88A/
SOT−353
(Pb−Free)
178 mm (7 in)
3000 Unit
MC74HC1G14DFT2
MC
74
HC1G
14
DF
T2
SC70−5/SC−88A/
SOT−353
178 mm (7 in)
3000 Unit
MC74HC1G14DFT2G
MC
74
HC1G
14
DF
T2
SC70−5/SC−88A/
SOT−353
(Pb−Free)
178 mm (7 in)
3000 Unit
MC74HC1G14DTT1
MC
74
HC1G
14
DT
T1
SOT23−5/TSOP−5/
SC59−5
178 mm (7 in)
3000 Unit
MC74HC1G14DTT1G
MC
74
HC1G
14
DT
T1
SOT23−5/TSOP−5/
SC59−5
(Pb−Free)
178 mm (7 in)
3000 Unit
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC74HC1G14DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G14DFT2G ONSEMI-MC74HC1G14DFT2G Datasheet
123Kb / 6P
   Single Inverter with Schmitt-Trigger Input
March, 2014 ??Rev. 12
MC74HC1G14DFT2G ONSEMI-MC74HC1G14DFT2G Datasheet
172Kb / 9P
   Single Inverter with Schmitt-Trigger Input
November, 2018 ??Rev. 13
MC74HC1G14DFT2G ONSEMI-MC74HC1G14DFT2G Datasheet
248Kb / 10P
   Single Inverter with Schmitt-Trigger Input
March, 2022 ??Rev. 17
MC74HC1G14DFT2G-L22038 ONSEMI-MC74HC1G14DFT2G-L22038 Datasheet
248Kb / 10P
   Single Inverter with Schmitt-Trigger Input
March, 2022 ??Rev. 17
More results

Similar Description - MC74HC1G14DFT2G

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
   Inverter with Schmitt-trigger Input
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
   Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
HD74LV1GT14A RENESAS-HD74LV1GT14A_15 Datasheet
139Kb / 9P
   Inverter with Schmitt-trigger Input /
HD74HCT1G14 RENESAS-HD74HCT1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
logo
ON Semiconductor
NC7SZ14 ONSEMI-NC7SZ14 Datasheet
592Kb / 10P
   UHS Inverter with Schmitt Trigger Input
October-2017, Rev. 2
MC74HC1G14 ONSEMI-MC74HC1G14_18 Datasheet
172Kb / 9P
   Single Inverter with Schmitt-Trigger Input
November, 2018 ??Rev. 13
logo
Fairchild Semiconductor
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com