Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMF05MC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GMF05MC
Description  Low Capacitance ESD Protection Diode Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GMF05MC Datasheet(HTML) 1 Page - Vishay Siliconix

  GMF05MC Datasheet HTML 1Page - Vishay Siliconix GMF05MC Datasheet HTML 2Page - Vishay Siliconix GMF05MC Datasheet HTML 3Page - Vishay Siliconix GMF05MC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GMF05MC
Document Number 85855
Rev. 1.1, 02-Mar-05
Vishay Semiconductors
www.vishay.com
1
18538-4
VY - V = Vishay
Y = year, is variable for digit from 0 to 9
(e.g. 4 = 2004, 5 = 2005)
CW = Calendar Week, is variable for number from 01 to 52
GM3 = code for GMF05MC
CW
VY
GM3
1
1
2
3
6
5
4
Low Capacitance ESD Protection Diode Array
Features
• Transient protection for data lines as per
IEC 61000 - 4 - 2 (ESD) 15 kV (air), 8 kV
(contact), IEC 61000 - 4 - 5 (Lightning)
7 A (tp = 8/20
µs)
• Small package for use in portable electronics
• Bidirectional protection of 4 I/O lines
• Unidirectional protection of 5 I/O lines
• Low leakage current
• Ideal for cellular handsets, cordless phones, note-
books, handhelds and digital cameras
Mechanical Data
Case: SOT-363 Plastic case
Molding Compound Flammability Rating:
UL 94 V-0
Terminals: High temperature soldering guaranteed:
260 °C/10 sec. at terminals
Weight: approx. 6.0 mg
Parts Table
Absolute Maximum Ratings
Ratings at 25 °C, ambient temperature unless otherwise specified
Thermal Characteristics
Ratings at 25 °C, ambient temperature unless otherwise specified
Part
Ordering code
Marking
Remarks
GMF05MC
GMF05MC-GS08
GM3
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Peak pulse power
8/20
µs waveform
Pppm
100
W
Peak pulse current
8/20
µs waveform
Ipp
7A
Parameter
Test condition
Symbol
Value
Unit
Operating temperature
Tj
- 55 to + 125
°C
Storage temperature
TSTG
- 55 to + 150
°C
e3


Similar Part No. - GMF05MC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GMF05C VISHAY-GMF05C Datasheet
142Kb / 4P
   ESD Protection Diode Array
Rev. 1.1, 02-Mar-05
GMF05C-GS08 VISHAY-GMF05C-GS08 Datasheet
142Kb / 4P
   ESD Protection Diode Array
Rev. 1.1, 02-Mar-05
GMF05C-HS3 VISHAY-GMF05C-HS3 Datasheet
282Kb / 8P
   5-Line ESD Protection Diode Array in LLP75-6A
Rev. 1.8, 23-Sep-08
GMF05C-HS3-GS08 VISHAY-GMF05C-HS3-GS08 Datasheet
282Kb / 8P
   5-Line ESD Protection Diode Array in LLP75-6A
Rev. 1.8, 23-Sep-08
GMF05C-HSF VISHAY-GMF05C-HSF Datasheet
169Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.7, 02-May-17
More results

Similar Description - GMF05MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DESD1P0RFW DIODES-DESD1P0RFW Datasheet
90Kb / 4P
   LOW CAPACITANCE, ESD PROTECTION DIODE ARRAY
DESD1P0RFWA DIODES-DESD1P0RFWA Datasheet
459Kb / 5P
   LOW CAPACITANCE ESD PROTECTION DIODE ARRAY
Rev. 1 - 2 September 2022
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
   Low Capacitance Array for ESD Protection Diode
logo
Littelfuse
SC7538-08UTG LITTELFUSE-SC7538-08UTG Datasheet
651Kb / 6P
   0.3pF Diode Array, Low Capacitance ESD Protection
2022 Littelfuse, Inc.
AQ7538-08UTG LITTELFUSE-AQ7538-08UTG Datasheet
614Kb / 5P
   0.3pF Diode Array, Low Capacitance ESD Protection
2022 Littelfuse, Inc.
logo
STMicroelectronics
DALC112S1 STMICROELECTRONICS-DALC112S1 Datasheet
31Kb / 3P
   LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
   Low Capacitance ESD Protection Array
logo
Littelfuse
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
   Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
   Low Capacitance ESD protection array
2009-08-20
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
   Low Capacitance ESD Protection Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com