Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC1G04DFT2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC1G04DFT2G
Description  High speed CMOS inverter fabricated with silicon gate CMOS technology
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC1G04DFT2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC1G04DFT2G Datasheet HTML 1Page - ON Semiconductor MC74HC1G04DFT2G Datasheet HTML 2Page - ON Semiconductor MC74HC1G04DFT2G Datasheet HTML 3Page - ON Semiconductor MC74HC1G04DFT2G Datasheet HTML 4Page - ON Semiconductor MC74HC1G04DFT2G Datasheet HTML 5Page - ON Semiconductor MC74HC1G04DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 8
1
Publication Order Number:
MC74HC1G04/D
MC74HC1G04
Single Inverter
The MC74HC1G04 is a high speed CMOS inverter fabricated with
silicon gate CMOS technology.
The internal circuit is composed of multiple stages, including a
buffer output which provides high noise immunity and stable output.
The MC74HC1G04 output drive current is 1/2 compared to
MC74HC series.
High Speed: t
PD = 7 ns (Typ) at VCC = 5 V
Low Power Dissipation: I
CC = 1
mA (Max) at TA = 25_C
High Noise Immunity
Balanced Propagation Delays (t
pLH = tpHL)
Symmetrical Output Impedance (I
OH = IOL = 2 mA)
Chip Complexity: FET = 105
Pb−Free Packages are Available
Figure 1. Pinout (Top View)
VCC
NC
IN A
OUT Y
GND
Figure 2. Logic Symbol
IN A
OUT Y
1
1
2
3
4
5
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
Pin 1
H5d
Pin 1
H5M
L
H
FUNCTION TABLE
Input A
Output Y
H
L
PIN ASSIGNMENT
1
2
3
GND
NC
IN A
4
5VCC
OUT Y
SC70−5/SC−88A/SOT−353
DF SUFFIX
CASE 419A
SOT23−5/TSOP−5/SC59−5
DT SUFFIX
CASE 483
d
= Date Code
M = Month Code
1
1
5
5
http://onsemi.com


Similar Part No. - MC74HC1G04DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G04DFT2G ONSEMI-MC74HC1G04DFT2G Datasheet
76Kb / 6P
   Single Inverter
September, 2014 ??Rev. 10
MC74HC1G04DFT2G ONSEMI-MC74HC1G04DFT2G Datasheet
169Kb / 8P
   Single Inverter
November, 2018 ??Rev. 11
MC74HC1G04DFT2G ONSEMI-MC74HC1G04DFT2G Datasheet
289Kb / 9P
   Single Inverter
May, 2022 ??Rev. 14
MC74HC1G04DFT2G-L22038 ONSEMI-MC74HC1G04DFT2G-L22038 Datasheet
289Kb / 9P
   Single Inverter
May, 2022 ??Rev. 14
More results

Similar Description - MC74HC1G04DFT2G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GU04 LRC-L74VHC1GU04 Datasheet
325Kb / 6P
   advanced high speed CMOS Unbuffered inverter fabricated with silicon gate CMOS technology
logo
Toshiba Semiconductor
TC7MET138AFK TOSHIBA-TC7MET138AFK Datasheet
123Kb / 6P
   Advanced High Speed CMOS 3-to-8 line Decoder Fabricated with Silicon Gate CMOS Technology
logo
Hitachi Semiconductor
HD74HCT1G04 HITACHI-HD74HCT1G04 Datasheet
40Kb / 8P
   High speed CMOS inverter using silicon gate CMOS process
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
ON Semiconductor
NLVASB3157 ONSEMI-NLVASB3157 Datasheet
139Kb / 10P
   The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
logo
KODENSHI_AUK CORP.
KK74ACT14 KODENSHI-KK74ACT14 Datasheet
489Kb / 5P
   Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC14 INTEGRAL-IN74AC14 Datasheet
83Kb / 4P
   Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
logo
Shenzhen Huazhimei Semi...
HM74HC04D HMSEMI-HM74HC04D Datasheet
162Kb / 3P
   six-way inverter, high speed Silicon gate CMOS device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com