Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL83082EIU-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL83082EIU-T
Description  -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83082EIU-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL83082EIU-T Datasheet HTML 5Page - Intersil Corporation ISL83082EIU-T Datasheet HTML 6Page - Intersil Corporation ISL83082EIU-T Datasheet HTML 7Page - Intersil Corporation ISL83082EIU-T Datasheet HTML 8Page - Intersil Corporation ISL83082EIU-T Datasheet HTML 9Page - Intersil Corporation ISL83082EIU-T Datasheet HTML 10Page - Intersil Corporation ISL83082EIU-T Datasheet HTML 11Page - Intersil Corporation ISL83082EIU-T Datasheet HTML 12Page - Intersil Corporation ISL83082EIU-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN6085.6
September 12, 2005
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. DRIVER PROPAGATION DELAY AND DIFFERENTIAL TRANSITION TIMES
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. DRIVER ENABLE AND DISABLE TIMES
FIGURE 4A. TEST CIRCUIT
FIGURE 4B. MEASUREMENT POINTS
FIGURE 4. DRIVER DATA RATE
Test Circuits and Waveforms (Continued)
D
DE
DI
VCC
SIGNAL
GENERATOR
CL = 100pF
RDIFF
Z
Y
CL = 100pF
OUT (Z)
3V
0V
1.5V
1.5V
VOH
VOL
OUT (Y)
tPLH
tPHL
DIFF OUT (Y - Z)
tR
+VOD
-VOD
90%
90%
tF
10%
10%
DI
SKEW = |tPLH - tPHL|
D
DE
DI
Z
Y
VCC
GND
SW
PARAMETER OUTPUT
RE
DI
SW
CL (pF)
tHZ
Y/Z
X
1/0
GND
15
tLZ
Y/Z
X
0/1
VCC
15
tZH
Y/Z
0 (Note 7)
1/0
GND
100
tZL
Y/Z
0 (Note 7)
0/1
VCC
100
tZH(SHDN)
Y/Z
1 (Note 10)
1/0
GND
100
tZL(SHDN)
Y/Z
1 (Note 10)
0/1
VCC
100
SIGNAL
GENERATOR
500
CL
OUT (Y, Z)
3V
0V
1.5V
1.5V
VOH
0V
VOH - 0.5V
tHZ
OUT (Y, Z)
VCC
VOL
VOL + 0.5V
tLZ
DE
OUTPUT HIGH
OUTPUT LOW
tZL, tZL(SHDN)
tZH, tZH(SHDN)
NOTE 9
2.3V
2.3V
NOTE 9
NOTE 9
D
DE
DI
VCC
SIGNAL
GENERATOR
Z
Y
CD
VOD
+
-
60
3V
0V
DIFF OUT (Y - Z)
+VOD
-VOD
DI
0V
ISL83080E, ISL83082E, ISL83083E, ISL83085E, ISL83086E, ISL83088E


Similar Part No. - ISL83082EIU-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83082EIU INTERSIL-ISL83082EIU Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83082EIUZ INTERSIL-ISL83082EIUZ Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83082EIUZ RENESAS-ISL83082EIUZ Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results

Similar Description - ISL83082EIU-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com