Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL83082EIBZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL83082EIBZ-T
Description  -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83082EIBZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL83082EIBZ-T Datasheet HTML 1Page - Intersil Corporation ISL83082EIBZ-T Datasheet HTML 2Page - Intersil Corporation ISL83082EIBZ-T Datasheet HTML 3Page - Intersil Corporation ISL83082EIBZ-T Datasheet HTML 4Page - Intersil Corporation ISL83082EIBZ-T Datasheet HTML 5Page - Intersil Corporation ISL83082EIBZ-T Datasheet HTML 6Page - Intersil Corporation ISL83082EIBZ-T Datasheet HTML 7Page - Intersil Corporation ISL83082EIBZ-T Datasheet HTML 8Page - Intersil Corporation ISL83082EIBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN6085.6
September 12, 2005
Absolute Maximum Ratings
Thermal Information
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltages
DI, DE, RE . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC + 0.3V)
Input/Output Voltages
A, B, Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -9V to +13V
A, B, Y, Z (Transient Pulse Through 100
Ω) . . . . . . . . . . . . . ±25V
RO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC +0.3V)
Short Circuit Duration
Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table
Thermal Resistance (Typical, Note 3)
θ
JA (°C/W)
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . .
105
8 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . . .
140
14 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
128
Maximum Junction Temperature (Plastic Package) . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(Lead Tips Only)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = 25°C
(Note 4)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Driver Differential VOUT (no load)
VOD1
Full
-
-
VCC
V
Driver Differential VOUT (with load)
VOD2
RL = 100Ω (RS-422) (Figure 1A)
Full
2
2.9
-
V
RL = 54Ω (RS-485) (Figure 1A)
Full
1.5
2.4
VCC
V
RL = 60Ω, -7V ≤ VCM ≤ 12V (Figure 1B)
Full
1.5
2.6
-
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output States
∆VOD
RL = 54Ω or 100Ω (Figure 1A)
Full
-
0.01
0.2
V
Driver Common-Mode VOUT
VOC
RL = 54Ω or 100Ω (Figure 1A)
Full
-
2.85
3
V
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output States
∆V
OC
RL = 54Ω or 100Ω (Figure 1A)
Full
-
0.01
0.1
V
Logic Input High Voltage
VIH
DE, DI, RE
Full
2
-
-
V
Logic Input Low Voltage
VIL
DE, DI, RE
Full
-
-
0.8
V
DI Input Hysteresis Voltage
VHYS
25
-
100
-
mV
Logic Input Current
IIN1
DE, DI, RE
Full
-2
-
2
µA
Input Current (A, B)
IIN2
DE = 0V, VCC = 0V or 5.5V
VIN = 12V
Full
-
70
125
µA
VIN = -7V
Full
-75
55
-
µA
Output Leakage Current (Y, Z)
(Full Duplex Versions Only)
IIN3
RE = 0V, DE = 0V, VCC = 0V
or 5.5V
VIN = 12V
Full
-
7
125
µA
VIN = -7V
Full
-75
11
-
µA
Output Leakage Current (Y, Z)
in Shutdown Mode (Full Duplex)
IIN3
RE = VCC, DE = 0V, VCC = 0V
or 5.5V
VIN = 12V
Full
-
0
20
µA
VIN = -7V
Full
-20
9
-
µA
Driver Short-Circuit Current,
VO = High or Low
IOSD1
DE = VCC, -7V ≤ VY or VZ ≤ 12V (Note 6)
Full
-
-
±250
mA
Receiver Differential Threshold
Voltage
VTH
-7V
≤ V
CM ≤ 12V
Full
-200
-90
-50
mV
Receiver Input Hysteresis
∆VTH
VCM = 0V
25
-
20
-
mV
ISL83080E, ISL83082E, ISL83083E, ISL83085E, ISL83086E, ISL83088E


Similar Part No. - ISL83082EIBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83082EIBZ INTERSIL-ISL83082EIBZ Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83082EIBZ RENESAS-ISL83082EIBZ Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results

Similar Description - ISL83082EIBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com