Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV09121-C00A Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # OV09121-C00A
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV09121-C00A Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button OV09121-C00A Datasheet HTML 7Page - List of Unclassifed Manufacturers OV09121-C00A Datasheet HTML 8Page - List of Unclassifed Manufacturers OV09121-C00A Datasheet HTML 9Page - List of Unclassifed Manufacturers OV09121-C00A Datasheet HTML 10Page - List of Unclassifed Manufacturers OV09121-C00A Datasheet HTML 11Page - List of Unclassifed Manufacturers OV09121-C00A Datasheet HTML 12Page - List of Unclassifed Manufacturers OV09121-C00A Datasheet HTML 13Page - List of Unclassifed Manufacturers OV09121-C00A Datasheet HTML 14Page - List of Unclassifed Manufacturers OV09121-C00A Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Electrical Characteristics
Version 1.3, September 15, 2003
Proprietary to OmniVision Technologies
11
Omni
ision
Table 6
AC Characteristics (TA = 25°C, VDD = 3V)
Symbol
Parameter
Min
Typ
Max
Unit
ADC Parameters
B
Analog bandwidth
12
MHz
DLE
DC differential linearity error
0.5
LSB
ILE
DC integral linearity error
1
LSB
Settling time for hardware reset
<1
ms
Settling time for software reset
<1
ms
Settling time for VGA/XSGA mode change
<1
ms
Settling time for register setting
<300
ms
Table 7
Timing Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Oscillator and Clock Input
fOSC
Frequency (XCLK1, XCLK2)
8
24
48
MHz
tr, tf
Clock input rise/fall time
2
ns
Clock input duty cycle
45
50
55
%


Similar Part No. - OV09121-C00A

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV09215-F48V OMNIVISION-OV09215-F48V Datasheet
305Kb / 2P
   High-Performance Video for Automotive Vision Applications
OV09234-H16A OMNIVISION-OV09234-H16A Datasheet
633Kb / 2P
   defect pixel correction (DPC)
OV09234-H16A OMNIVISION-OV09234-H16A Datasheet
633Kb / 2P
   Digital Still Cameras
OV09281-H64A OMNIVISION-OV09281-H64A Datasheet
683Kb / 2P
   automatic black level calibration (ABLC)
OV09281-H64A OMNIVISION-OV09281-H64A Datasheet
683Kb / 2P
   automatic black level calibration (ABLC)
More results

Similar Description - OV09121-C00A

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9650 OMNIVISION-OV9650 Datasheet
791Kb / 26P
   OV9650 Color CMOS SXGA (1.3 MegaPixel) CAMERACHIPTM with OmniPixelTM Technology
logo
List of Unclassifed Man...
OV7640 ETC1-OV7640 Datasheet
291Kb / 20P
   OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP
logo
Pixart Imaging Inc.
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
   SXGA Color/Mono Digital CMOS Image Sensor
logo
OmniVision Technologies...
OV05116-C21A OMNIVISION-OV05116-C21A Datasheet
169Kb / 2P
   CMOS CAMERACHIP with PAL Analog Output
logo
National Semiconductor ...
LM9648 NSC-LM9648 Datasheet
186Kb / 2P
   LM9648 Color CMOS Image Sensor SXGA 18 FPS
logo
OmniVision Technologies...
OV05116-C11A OMNIVISION-OV05116-C11A Datasheet
171Kb / 2P
   CMOS CAMERACHIP with NTSC Analog Output
logo
List of Unclassifed Man...
ICM108B ETC1-ICM108B Datasheet
449Kb / 20P
   1.3 million pixel Color CMOS image sensor
logo
Cypress Semiconductor
CYIWOSC1300AA CYPRESS-CYIWOSC1300AA Datasheet
345Kb / 31P
   1.3 Megapixel CMOS Sensor
logo
List of Unclassifed Man...
OV02640-VL9A ETC1-OV02640-VL9A Datasheet
400Kb / 2P
   COLOR CMOS UXGA (2.0 MEGAPIXEL) CAMERACHIP-TM WITH OMNIPIXEL2-TM TECHNOLOGY
logo
Samsung semiconductor
S5K3A1EA SAMSUNG-S5K3A1EA Datasheet
327Kb / 34P
   (1/3??SXGA CMOS Image Sensor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com