Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV9121 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OV9121 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Functional Description
Version 1.3, September 15, 2003
Proprietary to OmniVision Technologies
5
Omni
ision
Reset
The RESET pin (pin 10) is active high. There is an internal
pull-down (weak) resistor in the sensor so the default
status of the RESET pin is low.
Figure 9 RESET Timing Diagram
There are two ways for a sensor reset:
1.
Hardware reset - Pulling the RESET pin high and
keeping it high for at least 1 ms. As shown in
Figure 9, after a reset has been initiated, the sensor
will be most stable after the period shown as 4096
External Clock.
2.
Software reset - Writing 0x80 to register 0x12 (see
“COMH” on page 20) for a software reset. If a
software reset is used, a reset operation done twice
is recommended to make sure the sensor is stable
and ready to access registers. When performing a
software reset twice, the second reset should be
initiated after the 4096 External Clock period as
shown in Figure 9.
Power-Down Mode
The PWDN pin (pin 7) is active high. There is an internal
pull-down (weak) resistor in the sensor so the default
status of the PWDN pin is low.
Figure 10 PWDN Timing Diagram
1ms
RESET
4096 External Clock
PWDN
Sensor Power Down
Two methods of power-down or standby operation are
available with the OV9625/OV9121.
Hardware power-down may be selected by pulling
the PWDN pin (pin 7) high (+3.3VDC). When this
occurs, the OV9625/OV9121 internal device clock is
halted and all internal counters are reset. The current
draw is less than 10 µA in this standby mode.
Software power-down can be effected by setting the
COMC[4] register bit high. Standby current will be
less then 1 mA when in software power-down. All
register content is maintained in standby mode.
SCCB Interface
OV9625/OV9121 provides an on-chip SCCB serial control
port that allows access to all internal registers, for
complete control and monitoring of OV9625/OV9121
operation.
Refer to OmniVision Technologies Serial Camera Control
Bus (SCCB) Specification for detailed usage of the SCCB
interface.
Video Output
RGB Raw Data Output
The OV9625 CAMERACHIP offers 10-bit RGB raw data
output.
B&W Output
The OV9121 offers 10-bit luminance signal data output.


Similar Part No. - OV9121

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9281 OMNIVISION-OV9281 Datasheet
683Kb / 2P
   automatic black level calibration (ABLC)
OV9282 OMNIVISION-OV9282 Datasheet
683Kb / 2P
   automatic black level calibration (ABLC)
OV9284 OMNIVISION-OV9284 Datasheet
625Kb / 2P
   automatic black level calibration (ABLC)
OV9285 OMNIVISION-OV9285 Datasheet
923Kb / 2P
   Consumer HMD
OV9623 OMNIVISION-OV9623 Datasheet
2Mb / 2P
   auto white balance control
More results

Similar Description - OV9121

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9650 OMNIVISION-OV9650 Datasheet
791Kb / 26P
   OV9650 Color CMOS SXGA (1.3 MegaPixel) CAMERACHIPTM with OmniPixelTM Technology
logo
List of Unclassifed Man...
OV7640 ETC1-OV7640 Datasheet
291Kb / 20P
   OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP
logo
Pixart Imaging Inc.
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
   SXGA Color/Mono Digital CMOS Image Sensor
logo
OmniVision Technologies...
OV05116-C21A OMNIVISION-OV05116-C21A Datasheet
169Kb / 2P
   CMOS CAMERACHIP with PAL Analog Output
logo
National Semiconductor ...
LM9648 NSC-LM9648 Datasheet
186Kb / 2P
   LM9648 Color CMOS Image Sensor SXGA 18 FPS
logo
OmniVision Technologies...
OV05116-C11A OMNIVISION-OV05116-C11A Datasheet
171Kb / 2P
   CMOS CAMERACHIP with NTSC Analog Output
logo
List of Unclassifed Man...
ICM108B ETC1-ICM108B Datasheet
449Kb / 20P
   1.3 million pixel Color CMOS image sensor
logo
Cypress Semiconductor
CYIWOSC1300AA CYPRESS-CYIWOSC1300AA Datasheet
345Kb / 31P
   1.3 Megapixel CMOS Sensor
logo
List of Unclassifed Man...
OV02640-VL9A ETC1-OV02640-VL9A Datasheet
400Kb / 2P
   COLOR CMOS UXGA (2.0 MEGAPIXEL) CAMERACHIP-TM WITH OMNIPIXEL2-TM TECHNOLOGY
logo
Samsung semiconductor
S5K3A1EA SAMSUNG-S5K3A1EA Datasheet
327Kb / 34P
   (1/3??SXGA CMOS Image Sensor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com