Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84782IRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL84782IRZ
Description  Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84782IRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL84782IRZ Datasheet HTML 2Page - Intersil Corporation ISL84782IRZ Datasheet HTML 3Page - Intersil Corporation ISL84782IRZ Datasheet HTML 4Page - Intersil Corporation ISL84782IRZ Datasheet HTML 5Page - Intersil Corporation ISL84782IRZ Datasheet HTML 6Page - Intersil Corporation ISL84782IRZ Datasheet HTML 7Page - Intersil Corporation ISL84782IRZ Datasheet HTML 8Page - Intersil Corporation ISL84782IRZ Datasheet HTML 9Page - Intersil Corporation ISL84782IRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN6097.3
November 17, 2004
FIGURE 2A. Q MEASUREMENT POINTS
FIGURE 2B. Q TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
FIGURE 3A. tBBM MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 3B. tBBM TEST CIRCUIT
FIGURE 3. BREAK-BEFORE-MAKE TIME
FIGURE 4. OFF ISOLATION TEST CIRCUIT
FIGURE 5. RON TEST CIRCUIT
Test Circuits and Waveforms (Continued)
VOUT
∆VOUT
OFF
ON
OFF
Q =
∆VOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
V+
0V
CL
VOUT
RG
VG
GND
COMA,
Ax, Bx
LOGIC
INPUT
INH
ADD1
V+
C
Repeat test for other switches.
1000pF
0
COMB
ADD0
CHANNEL
SELECT
90%
V+
0V
tBBM
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
tr < 5ns
tf < 5ns
LOGIC
INPUT
ADD0-1
COMA
RL
CL
VOUT
35pF
50
A0-A3
GND
V+
C
INH
V+
C
B0-B3
COMB
ANALYZER
RL
SIGNAL
GENERATOR
0V or V+
Ax or Bx
COMx
GND
V+
10nF
ADD1
ADD0
CHANNEL
SELECT
Off-Isolation is measured between COM and “Off” NO terminal on
each switch.
Signal direction through switch is reversed and worst case values
are recorded.
INH
0V or V+
Ax or Bx
COMA or
ADD1
GND
VX
V1
RON = V1/100mA
100mA
V+
C
COMB
ADD0
CHANNEL
SELECT
INH
ISL84782


Similar Part No. - ISL84782IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84782IRZ INTERSIL-ISL84782IRZ Datasheet
358Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
November 17, 2004
logo
Renesas Technology Corp
ISL84782IRZ RENESAS-ISL84782IRZ Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL84782IRZ-T INTERSIL-ISL84782IRZ-T Datasheet
358Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
November 17, 2004
logo
Renesas Technology Corp
ISL84782IRZ-T RENESAS-ISL84782IRZ-T Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results

Similar Description - ISL84782IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841_14 Datasheet
323Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782IV INTERSIL-ISL84782IV Datasheet
358Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
November 17, 2004
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL43L840IV INTERSIL-ISL43L840IV Datasheet
348Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com