Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL24006IRZ-T13 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL24006IRZ-T13
Description  14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24006IRZ-T13 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL24006IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL24006IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL24006IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL24006IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL24006IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL24006IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL24006IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL24006IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL24006IRZ-T13 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN6110.1
September 9, 2005
Data Byte
Data Bytes are the input code data to the 8-bit DACs. Most
significant bits are clocked in first. These data bytes
determine the output voltages of the ISL24006.
Ideal Transfer Function Example
Given a typical voltage applied to VREFU_H and VREFU_L:
Clock Oscillator
The ISL24006 require an internal clock or external clock to
refresh its outputs. The outputs are refreshed at the falling
OSC clock edges. The output refreshed switches open at
the rising edges of the OSC clock. The driving load shouldn't
be changed at the rising edges of the OSC clock. Otherwise,
it will generate a voltage error at the outputs. This clock may
be input or output via the clock pin labelled OSC. The
internal clock is provided by an internal oscillator running at
approximately 21kHz and can be output to the OSC pin. In a
two-chip system, if the driving loads are stable, one chip may
be programmed to use the internal oscillator; then the OSC
pin will output the clock from the internal oscillator. The
second chip may have the OSC pin connected to this clock
source.
For transient load application, the external clock mode
should be used to ensure all functions are synchronized
together. The positive edge of the external clock to the OSC
pin should be timed to avoid the transient load effect.
The Application Drawing shows the LCD H rate signal used,
here the positive clock edge is timed to avoid the transient
load of the column driver circuits. After power on, the chip
will default with the internal oscillator mode. At this time, the
OSC pin will be in a high impedance condition to prevent
contention.
Channel Outputs
Each of the channel outputs has a rail-to-rail buffer. This
enables all channels to have the capability to drive to within
50mV of the power rails (see Electrical Characteristics for
details).
When driving large capacitive loads, a series resistor should
be placed in series with the output. (Usually between 5
Ω and
50
Ω).
Each of the channels is updated on a continuous cycle. The
time for the new data to appear at a specific output will
depend on the exact timing relationship of the incoming data
to this cycle.
Power-On Sequencing
At power-on, make sure that AVDD ≥ DVDD - 0.5V to prevent
the ESD diode between AVDD and DVDD from driving too
much current. If DVDD comes on first, leave AVDD floating.
Do not ground AVDD.
Power Dissipation
With the 30mA maximum continues output drive capability
for each channel, it is possible to exceed the 125°C absolute
maximum junction temperature. Therefore, it is important to
calculate the maximum junction temperature for the
application to determine if load conditions need to be
modified for the part to remain in the safe operation.
TABLE 4.
b7
b6
b5
b4
b3
b2
b1
b0
10111
010
2
7
1
() 2
6
0
() 2
5
1
() 2
4
1
() 2
3
1
() 2
2
0
() 2
1
1
() 2
0
0
()
×
+
×
+
×
+
×
+
×
+
×
+
×
+
×
TABLE 5.
BINARY INPUT
DECIMAL
VOUT1 (V)
VOUT14 (V)
00000000
0
8.5
1
00000001
1
8.521484
1.021484
00000011
3
8.564453
1.064453
00000111
7
8.650391
1.150391
00001111
15
8.822266
1.322266
00011111
31
9.166016
1.666016
00111111
63
9.853516
2.353516
01111111
127
11.22852
3.728516
11111111
255
13.97852
6.478516
VREF U_H
14V
=
VREF U_L
8.5V
=
R
14V 8.5V
256
-----------------------------
21.5mV
==
VREF L_H
6.5V
=
VREF L_L
1V
=
R
6.5V 1V
256
--------------------------
21.5mV
==
ISL24006


Similar Part No. - ISL24006IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24006IRZ-T13 INTERSIL-ISL24006IRZ-T13 Datasheet
438Kb / 10P
   14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
More results

Similar Description - ISL24006IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24006 INTERSIL-ISL24006_06 Datasheet
438Kb / 10P
   14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
ISL24002 INTERSIL-ISL24002 Datasheet
113Kb / 6P
   14-Channel Static TFT LCD Reference Voltage Generator with 1-Channel VCOM
July 14, 2008
logo
Maxim Integrated Produc...
MAX9590 MAXIM-MAX9590 Datasheet
37Kb / 1P
   14 Programmable Gamma Reference Buffers with 4 Static References for TFT-LCD Displays
Rev 0; 4/06
MAX5679 MAXIM-MAX5679 Datasheet
82Kb / 2P
   Digitally Programmable LCD Gamma Reference Generator with Digital Voltage Reference
11/9/2009
logo
Renesas Technology Corp
ISL24858 RENESAS-ISL24858 Datasheet
199Kb / 2P
   15-Channel I2C Programmable TFT-LCD Reference Voltage Generator with Integrated EEPROM, and Ultra-Low Power Operation
logo
ON Semiconductor
NCS12802 ONSEMI-NCS12802 Datasheet
1,021Kb / 21P
   Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com