Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3238EIV-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL3238EIV-T
Description  -15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3238EIV-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICL3238EIV-T Datasheet HTML 2Page - Intersil Corporation ICL3238EIV-T Datasheet HTML 3Page - Intersil Corporation ICL3238EIV-T Datasheet HTML 4Page - Intersil Corporation ICL3238EIV-T Datasheet HTML 5Page - Intersil Corporation ICL3238EIV-T Datasheet HTML 6Page - Intersil Corporation ICL3238EIV-T Datasheet HTML 7Page - Intersil Corporation ICL3238EIV-T Datasheet HTML 8Page - Intersil Corporation ICL3238EIV-T Datasheet HTML 9Page - Intersil Corporation ICL3238EIV-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Detailed Description
ICL3238E operates from a single +3V to +5.5V supply,
guarantees a 250kbps minimum data rate, requires only four
small external 0.1µF (0.22µF for VCC = 3.0V) capacitors,
features low power consumption, and meets all EIA/TIA-232
and V.28 specifications. The circuit is divided into three
sections: The charge pump, the transmitters, and the
receivers.
Charge-Pump
Intersil’s new ICL32XXE family utilizes regulated on-chip
dual charge pumps as voltage doublers, and voltage
inverters to generate
±5.5V transmitter supplies from a V
CC
supply as low as 3.0V. This allows these devices to maintain
RS-232 compliant output levels over the
±10% tolerance
range of 3.3V powered systems. The efficient on-chip power
supplies require only four small, external 0.1µF capacitors
for the voltage doubler and inverter functions at VCC = 3.3V.
See the “Capacitor Selection” section, and Table 3 for
capacitor recommendations for other operating conditions.
The charge pumps operate discontinuously (i.e., they turn off
as soon as the V+ and V- supplies are pumped up to the
nominal values), resulting in significant power savings.
Transmitters
The transmitters are proprietary, low dropout, inverting
drivers that translate TTL/CMOS inputs to EIA/TIA-232
output levels. Coupled with the on-chip
±5.5V supplies,
these transmitters deliver true RS-232 levels over a wide
range of single supply system voltages.
Transmitter outputs disable and assume a high impedance
state when the device enters the powerdown mode (see
Table 2). These outputs may be driven to
±12V when
disabled.
All devices guarantee a 250kbps data rate for full load
conditions (3k
Ω and 1000pF), VCC ≥ 3.0V, with one
transmitter operating at full speed. Under more typical
conditions of VCC ≥ 3.3V, RL = 3kΩ, and CL = 250pF, one
transmitter easily operates at 1Mbps.
Transmitter inputs incorporate an active positive feedback
resistor that maintains the last driven input state in the
absence of a forcing signal. Unused transmitter inputs may
be left unconnected.
Receivers
The ICL3238E contains both standard inverting, three-state
receivers, and a single noninverting (monitor) receiver
(denoted by the ROUTB label) that is always active,
regardless of the state of any control lines. Both receiver
types convert RS-232 signals to CMOS output levels and
accept inputs up to
±25V while presenting the required 3kΩ
to 7k
Ω input impedance (see Figure 1) even if the power is
off (VCC = 0V). The receivers’ Schmitt trigger input stage
uses hysteresis to increase noise immunity and decrease
errors due to slow input signal transitions.
The inverting receivers disable during forced (manual)
powerdown, but not during automatic powerdown (see
Table 2). Conversely, the monitor receiver remains active
TABLE 2. POWERDOWN LOGIC TRUTH TABLE
RCVR OR
XMTR
EDGE
WITHIN 30
SEC?
FORCEOFF
INPUT
FORCEON
INPUT
TRANSMITTER
OUTPUTS
RECEIVER
OUTPUTS
ROUTB
OUTPUT
RS-232
LEVEL
PRESENT
AT
RECEIVER
INPUT?
INVALID
OUTPUT
MODE OF OPERATION
No
H
H
Active
Active
Active
No
L
Normal Operation (Enhanced
Auto Powerdown Disabled)
No
H
H
Active
Active
Active
Yes
H
Yes
H
L
Active
Active
Active
No
L
Normal Operation (Enhanced
Auto Powerdown Enabled)
Yes
H
L
Active
Active
Active
Yes
H
No
H
L
High-Z
Active
Active
No
L
Powerdown Due to Enhanced
Auto Powerdown Logic
No
H
L
High-Z
Active
Active
Yes
H
X
L
X
High-Z
High-Z
Active
No
L
Manual Powerdown
X
L
X
High-Z
High-Z
Active
Yes
H
INVALID DRIVING FORCEON AND FORCEOFF (EMULATES AUTOMATIC POWERDOWN)
X
Note 7
Note 7
Active
Active
Active
Yes
H
Normal Operation
X
Note 7
Note 7
High-Z
High-Z
Active
No
L
Forced Auto Powerdown
NOTE:
7. Input is connected to INVALID Output.
ICL3238E


Similar Part No. - ICL3238EIV-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3238EIV-T RENESAS-ICL3238EIV-T Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
More results

Similar Description - ICL3238EIV-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3238E RENESAS-ICL3238E Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
   ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
logo
Intersil Corporation
ISL83387E INTERSIL-ISL83387E_05 Datasheet
315Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL83387E RENESAS-ISL83387E Datasheet
608Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com