Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43L121IU Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL43L121IU
Description  Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L121IU Datasheet(HTML) 4 Page - Intersil Corporation

  ISL43L121IU Datasheet HTML 1Page - Intersil Corporation ISL43L121IU Datasheet HTML 2Page - Intersil Corporation ISL43L121IU Datasheet HTML 3Page - Intersil Corporation ISL43L121IU Datasheet HTML 4Page - Intersil Corporation ISL43L121IU Datasheet HTML 5Page - Intersil Corporation ISL43L121IU Datasheet HTML 6Page - Intersil Corporation ISL43L121IU Datasheet HTML 7Page - Intersil Corporation ISL43L121IU Datasheet HTML 8Page - Intersil Corporation ISL43L121IU Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN6091.1
November 3, 2004
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 6
25
-
182
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 6
25
-
290
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
1.65
-
3.6
V
Positive Supply Current, I+
V+ = 1.65V to 3.6V, VIN = 0V or V+, all channels on or
off
25
-
-
30
nA
Full
-
-
750
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.5
V
Input Voltage High, VINH
Full
1.4
-
-
V
Input Current, IINH, IINL
V+ = 3.3V, VIN = 0V or V+ (Note 9)
Full
-0.5
-
0.5
µA
NOTES:
6. VIN = input voltage to perform proper function.
7. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
8. Parts are 100% tested at +25°C. Limits across the full temperature range are guaranteed by design and correlation.
9. Guaranteed but not tested.
10. RON matching between channels is calculated by subtracting the channel with the highest max Ron value from the channel with lowest max
Ron value.
11. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
Electrical Specifications - 1.8V Supply
Test Conditions: V+ = +1.65V to +2.0V, GND = 0V, VINH = 1.0V, VINL = 0.4V (Note 6, 8),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(NOTE 7)
TYP
MAX
(NOTE 7)UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 1.8V, ICOM = 100mA, VNO or VNC = 0V to V+, See
Figure 4, Note 9
25
-
0.26
0.35
Full
-
-
0.4
RON Matching Between Channels,
∆RON
V+ = 1.8V, ICOM = 100mA, VNO or VNC = Voltage at
Max RON, Note 10
25
-
0.005
-
Full
-
0.005
-
RON Flatness, RFLAT(ON)
V+ = 1.8V, ICOM = 100mA, VNO or VNC = 0V to V+,
Note 11
25
-
0.074
-
Full
-
0.082
-
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 2.0V, VCOM = 0.3V, 1.8V, VNO or VNC = 1.8V, 0.3V
25
-3
-
3
nA
Full
-60
-
60
nA
COM ON Leakage Current,
ICOM(ON)
V
+ = 2.0V, VCOM = 0.3V, 1.8V, or VNO or VNC = 0.3V,
1.8V
25
-3
-
3
nA
Full
-80
-
80
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V
+ = 1.65V, VNO or VNC = 1.0V, RL =50Ω, CL = 35pF,
VIN = 0 to 1.65V, See Figure 1, Note 9
25
-
30
40
ns
Full
-
-
45
ns
Turn-OFF Time, tOFF
V
+ = 1.65V, VNO or VNC = 1.0V, RL =50Ω, CL = 35pF,
VIN = 0 to 1.65V, See Figure 1, Note 9
25
-
25
35
ns
Full
-
-
40
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, See Figure 2
25
-
-80
-
pC
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Note 6, 8),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(NOTE 7)
TYP
MAX
(NOTE 7) UNITS
ISL43L120, ISL43L121, ISL43L122


Similar Part No. - ISL43L121IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L121IU INTERSIL-ISL43L121IU Datasheet
269Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL43L121IU RENESAS-ISL43L121IU Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43L121IUZ INTERSIL-ISL43L121IUZ Datasheet
269Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL43L121IUZ RENESAS-ISL43L121IUZ Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
More results

Similar Description - ISL43L121IU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43L120 INTERSIL-ISL43L120_06 Datasheet
269Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Intersil Corporation
ISL43L710 INTERSIL-ISL43L710 Datasheet
272Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com