Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43L111IH-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL43L111IH-T
Description  Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L111IH-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL43L111IH-T Datasheet HTML 3Page - Intersil Corporation ISL43L111IH-T Datasheet HTML 4Page - Intersil Corporation ISL43L111IH-T Datasheet HTML 5Page - Intersil Corporation ISL43L111IH-T Datasheet HTML 6Page - Intersil Corporation ISL43L111IH-T Datasheet HTML 7Page - Intersil Corporation ISL43L111IH-T Datasheet HTML 8Page - Intersil Corporation ISL43L111IH-T Datasheet HTML 9Page - Intersil Corporation ISL43L111IH-T Datasheet HTML 10Page - Intersil Corporation ISL43L111IH-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN6130.0
March 15, 2005
Typical Performance Curves TA = 25°C, Unless Otherwise Specified
FIGURE 7. ON RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 8. ON RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 9. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. CHARGE INJECTION vs SWITCH VOLTAGE
01
2
345
0.19
0.2
0.21
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.3
VCOM (V)
V+ = 3.6V
V+ = 2.7V
V+ = 4.3V
V+ = 3V
ICOM = 100mA
00.5
11.5
2
0
0.5
1
1.5
2
2.5
VCOM (V)
V+ = 1.1V
V+ = 1.8V
V+ = 1.5V
ICOM = 100mA
V+ = 1.62V
0
1
23
45
0.15
0.2
0.25
0.3
VCOM (V)
V+ = 4.3V
ICOM = 100mA
25°C
85°C
-40°C
VCOM (V)
00.5
11.5
22.5
3
V+ = 2.7V
ICOM = 100mA
0.15
0.2
0.25
0.3
0.35
0.4
25°C
85°C
-40°C
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
0.511.5
2
VCOM (V)
25°C
85°C
-40°C
V+ = 1.8V
ICOM = 10mA
0
123
45
0
20
40
60
80
100
120
140
VCOM (V)
V+ = 1.8V
V+ = 3V
V+ = 4.2V
ISL43L110, ISL43L111


Similar Part No. - ISL43L111IH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L111IHZ-T INTERSIL-ISL43L111IHZ-T Datasheet
302Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
August 24, 2015
logo
Renesas Technology Corp
ISL43L111IHZ-T RENESAS-ISL43L111IHZ-T Datasheet
652Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
More results

Similar Description - ISL43L111IH-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43L110 RENESAS-ISL43L110 Datasheet
652Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL43L110IHZ-T INTERSIL-ISL43L110IHZ-T Datasheet
302Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
August 24, 2015
ISL43L210 INTERSIL-ISL43L210 Datasheet
323Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL43L210 RENESAS-ISL43L210 Datasheet
580Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL43L420IR INTERSIL-ISL43L420IR Datasheet
377Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT Analog Switch
February 18, 2005
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Intersil Corporation
ISL43L120 INTERSIL-ISL43L120 Datasheet
321Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L420 INTERSIL-ISL43L420 Datasheet
363Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com