Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3238ECA Datasheet(PDF) 10 Page - Intersil Corporation

Part # ICL3238ECA
Description  -15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3238ECA Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ICL3238ECA Datasheet HTML 6Page - Intersil Corporation ICL3238ECA Datasheet HTML 7Page - Intersil Corporation ICL3238ECA Datasheet HTML 8Page - Intersil Corporation ICL3238ECA Datasheet HTML 9Page - Intersil Corporation ICL3238ECA Datasheet HTML 10Page - Intersil Corporation ICL3238ECA Datasheet HTML 11Page - Intersil Corporation ICL3238ECA Datasheet HTML 12Page - Intersil Corporation ICL3238ECA Datasheet HTML 13Page - Intersil Corporation ICL3238ECA Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
When using minimum required capacitor values, make sure
that capacitor values do not degrade excessively with
temperature. If in doubt, use capacitors with a larger nominal
value. The capacitor’s equivalent series resistance (ESR)
usually rises at low temperatures and it influences the
amount of ripple on V+ and V-.
Power Supply Decoupling
In most circumstances a 0.1µF bypass capacitor is
adequate. In applications that are particularly sensitive to
power supply noise, decouple VCC to ground with a
capacitor of the same value as the charge-pump capacitor C1.
Connect the bypass capacitor as close as possible to the IC.
Operation Down to 2.7V
ICL3238E transmitter outputs meet RS-562 levels (±3.7V), at
full data rate, with VCC as low as 2.7V. RS-562 levels
typically ensure inter operability with RS-232 devices.
Transmitter Outputs when Exiting
Powerdown
Figure 10 shows the response of two transmitter outputs
when exiting powerdown mode. As they activate, the two
transmitter outputs properly go to opposite RS-232 levels,
with no glitching, ringing, nor undesirable transients. Each
transmitter is loaded with 3k
Ω in parallel with 2500pF. Note
that the transmitters enable only when the magnitude of the
supplies exceed approximately 3V.
High Data Rates
The ICL3238E maintains the RS-232 ±5V minimum
transmitter output voltages even at high data rates. Figure
11 details a transmitter loopback test circuit, and Figure 12
illustrates the loopback test result at 120kbps. For this test,
all transmitters were simultaneously driving RS-232 loads in
parallel with 1000pF, at 120kbps. Figure 13 shows the
loopback results for a single transmitter driving 1000pF and
an RS-232 load at 250kbps. The static transmitters were
also loaded with an RS-232 receiver.
TIME (20µs/DIV.)
T1
T2
2V/DIV
5V/DIV
VCC = +3.3V
FORCEOFF
FIGURE 10. TRANSMITTER OUTPUTS WHEN EXITING
POWERDOWN
C1 - C4 = 0.1µF
FIGURE 12. LOOPBACK TEST AT 120kbps
FIGURE 13. LOOPBACK TEST AT 250kbps
ICL3238E
VCC
FORCEOFF
C1
C2
C4
C3
+
+
+
+
1000pF
V+
V-
5k
TIN
ROUT
C1+
C1-
C2+
C2-
RIN
TOUT
+
VCC
0.1µF
VCC
FORCEON
FIGURE 11. TRANSMITTER LOOPBACK TEST CIRCUIT
T1IN
T1OUT
R1OUT
5µs/DIV.
VCC = +3.3V
5V/DIV.
C1 - C4 = 0.1µF
T1IN
T1OUT
R1OUT
2µs/DIV.
5V/DIV.
VCC = +3.3V
C1 - C4 = 0.1µF
ICL3238E


Similar Part No. - ICL3238ECA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3238ECA RENESAS-ICL3238ECA Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3238ECA-T RENESAS-ICL3238ECA-T Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3238ECAZ RENESAS-ICL3238ECAZ Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3238ECAZ-T RENESAS-ICL3238ECAZ-T Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
More results

Similar Description - ICL3238ECA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3238E RENESAS-ICL3238E Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
   ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
logo
Intersil Corporation
ISL83387E INTERSIL-ISL83387E_05 Datasheet
315Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL83387E RENESAS-ISL83387E Datasheet
608Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com