Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5128CYZ-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5128CYZ-T7
Description  Dual VCOM Amplifier & Gamma Reference Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5128CYZ-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5128CYZ-T7 Datasheet HTML 1Page - Intersil Corporation EL5128CYZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5128CYZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5128CYZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5128CYZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5128CYZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5128CYZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5128CYZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5128CYZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Electrical Specifications
VS+ = +5V, VS- = 0V, RL = 10kΩ and CL = 10pF to 2.5V, TA = 25°C unless otherwise specified
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 2.5V
2
10
mV
TCVOS
Average Offset Voltage Drift
(Note 1)
5
µV/°C
IB
Input Bias Current
VCM = 2.5V
2
50
nA
RIN
Input Impedance
1
G
CIN
Input Capacitance
1.35
pF
CMIR
Common-Mode Input Range
-0.5
+5.5
V
CMRR
Common-Mode Rejection Ratio
for VIN from -0.5V to +5.5V
45
66
dB
AVOL
Open-Loop Gain
0.5V
≤ VOUT ≤+ 4.5V
75
95
dB
AV
Voltage Gain
0.5V
≤ VOUT ≤+ 4.5V
0.995
1.005
V/V
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
80
150
mV
VOH
Output Swing High
IL = +5mA
4.85
4.92
V
ISC
Short Circuit Current
±120
mA
IOUT
Output Current
±30
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from 4.5V to 15.5V
60
80
dB
IS
Supply Current (per amplifier)
No load
660
1000
µA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 2)
1V
≤ VOUT ≤ 4V, 20% to 80%
10
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V step
500
ns
BW
-3dB Bandwidth
RL = 10kΩ, CL = 10pF
12
MHz
GBWP
Gain-Bandwidth Product
RL = 10kΩ, CL = 10pF
8
MHz
PM
Phase Margin
RL = 10kΩ, CL = 10pF
50
°
CS
Channel Separation
f = 5MHz
75
dB
NOTES:
1. Measured over operating temperature range.
2. Slew rate is measured on rising and falling edges.
EL5128


Similar Part No. - EL5128CYZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5128CYZ-T7 INTERSIL-EL5128CYZ-T7 Datasheet
410Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Renesas Technology Corp
EL5128CYZ-T7 RENESAS-EL5128CYZ-T7 Datasheet
646Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
More results

Similar Description - EL5128CYZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5128 RENESAS-EL5128 Datasheet
646Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Intersil Corporation
EL5128 INTERSIL-EL5128_07 Datasheet
410Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
logo
National Semiconductor ...
LM8207 NSC-LM8207 Datasheet
1Mb / 22P
   TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Texas Instruments
LM8207 TI1-LM8207 Datasheet
1Mb / 32P
[Old version datasheet]   LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com