Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC16XAD Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC16XAD
Description  Presettable Counters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC16XAD Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC16XAD Datasheet HTML 1Page - ON Semiconductor MC74HC16XAD Datasheet HTML 2Page - ON Semiconductor MC74HC16XAD Datasheet HTML 3Page - ON Semiconductor MC74HC16XAD Datasheet HTML 4Page - ON Semiconductor MC74HC16XAD Datasheet HTML 5Page - ON Semiconductor MC74HC16XAD Datasheet HTML 6Page - ON Semiconductor MC74HC16XAD Datasheet HTML 7Page - ON Semiconductor MC74HC16XAD Datasheet HTML 8Page - ON Semiconductor MC74HC16XAD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 8
1
Publication Order Number:
MC74HC161A/D
MC74HC161A,
MC74HC163A
Presettable Counters
High–Performance Silicon–Gate CMOS
The MC74HC161A and HC163A are identical in pinout to the
LS161 and LS163. The device inputs are compatible with standard
CMOS outputs; with pullup resistors, they are compatible with
LSTTL outputs.
The HC161A and HC163A are programmable 4–bit binary counters
with asynchronous and synchronous reset, respectively.
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1.0 µA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
Chip Complexity: 192 FETs or 48 Equivalent Gates
Device
Count
Mode
Reset Mode
HC161A
Binary
Asynchronous
HC163A
Binary
Synchronous
LOGIC DIAGRAM
PIN 16 = VCC
PIN 8 = GND
11
12
13
14
Q0
Q1
Q2
Q3
15
RIPPLE
CARRY
OUT
BCD OR
BINARY
OUTPUT
3
4
5
6
P0
P1
P2
P3
2
CLOCK
RESET
LOAD
ENABLE P
ENABLE T
COUNT
ENABLES
PRESET
DATA
INPUTS
1
9
7
10
Inputs
Output
Clock
Reset*
Load
Enable P
Enable T
Q
L
X
X
X
Reset
H
L
X
X
Load Preset Data
H
H
H
H
Count
H
H
L
X
No Count
H
H
X
L
No Count
FUNCTION TABLE
*HC163A only. HC161A is an Asynchronous Reset Device
H = high level, L = low level, X = don’t care
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
RESET
P0
CLOCK
GND
Q1
Q0
RIPPLE
CARRY OUT
VCC
P1
P2
P3
ENABLE P
Q2
Q3
ENABLE T
LOAD
SO–16
D SUFFIX
CASE 751B
http://onsemi.com
1
16
PDIP–16
N SUFFIX
CASE 648
1
16
MARKING
DIAGRAMS
1
16
MC74HC16xAN
AWLYYWW
1
16
HC16xA
AWLYWW
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC74HC16xAN
PDIP–16
2000 / Box
MC74HC16xAD
SOIC–16
48 / Rail
MC74HC16xADR2
SOIC–16
2500 / Reel


Similar Part No. - MC74HC16XAD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC160A MOTOROLA-MC74HC160A Datasheet
152Kb / 14P
   PRESETTABLE COUNTERS HIGH-PERFORMANCE SILICON0GATE CMOS
logo
ON Semiconductor
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
MC74HC161A ONSEMI-MC74HC161A Datasheet
144Kb / 16P
   Presettable Counters
June, 2001 ??Rev. 9
MC74HC161A ONSEMI-MC74HC161A Datasheet
352Kb / 16P
   Presettable Counters High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 11
MC74HC161A ONSEMI-MC74HC161A Datasheet
167Kb / 15P
   Presettable Counters
May, 2013 ??Rev. 13
More results

Similar Description - MC74HC16XAD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC163 ONSEMI-MC74HC163 Datasheet
144Kb / 16P
   Presettable Counters
June, 2001 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
   Presettable Counters
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A_13 Datasheet
167Kb / 15P
   Presettable Counters
May, 2013 ??Rev. 13
logo
Integral Corp.
IN74HC163A INTEGRAL-IN74HC163A Datasheet
190Kb / 9P
   PRESETTABLE COUNTERS
IN74HCT163A INTEGRAL-IN74HCT163A Datasheet
188Kb / 8P
   PRESETTABLE COUNTERS
IN74ACT163 INTEGRAL-IN74ACT163 Datasheet
217Kb / 7P
   PRESETTABLE COUNTERS
IN74HC161A INTEGRAL-IN74HC161A Datasheet
189Kb / 9P
   PRESETTABLE COUNTERS
logo
System Logic Semiconduc...
SL74HC163 SLS-SL74HC163 Datasheet
86Kb / 9P
   Presettable Counters
logo
National Semiconductor ...
DM74197 NSC-DM74197 Datasheet
86Kb / 4P
   PRESETTABLE BINARY COUNTERS
DM74LS197 NSC-DM74LS197 Datasheet
117Kb / 6P
   Presettable Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com