Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4511CU-T13 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL4511CU-T13
Description  Super Sync Separator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4511CU-T13 Datasheet(HTML) 2 Page - Intersil Corporation

  EL4511CU-T13 Datasheet HTML 1Page - Intersil Corporation EL4511CU-T13 Datasheet HTML 2Page - Intersil Corporation EL4511CU-T13 Datasheet HTML 3Page - Intersil Corporation EL4511CU-T13 Datasheet HTML 4Page - Intersil Corporation EL4511CU-T13 Datasheet HTML 5Page - Intersil Corporation EL4511CU-T13 Datasheet HTML 6Page - Intersil Corporation EL4511CU-T13 Datasheet HTML 7Page - Intersil Corporation EL4511CU-T13 Datasheet HTML 8Page - Intersil Corporation EL4511CU-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
FN7009.7
July 21, 2005
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (T
A = 25°C)
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . (VS to GND) +6V
Pin Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V, VS +0.3V
VCCA1, VCCA2 & VCCD . . . . . . . . . . . . . . . .Must Be Same Voltage
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 125°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . . 0°C to +70°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS = VCCA1 = VCCA2 = VCCD = +5V, TA = 25°C, NTSC input signal on SYNCIN, no output loads, unless
otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
ISD
Digital Supply Current
(Note 1)
15
20
mA
Standby PDWN = VCCD (Note 2)
4
20
µA
ISA2
Rate Acquisition Oscillator Supply
Current
(Note 1)
3
20
mA
Standby PDWN = VCCD
2.5
20
µA
ISA1
Analog Processing Supply Current
(Note 1)
3
20
mA
Standby PDWN = VCCD (Note 2)
3
20
µA
COMPOSITE SYNC INPUT AT SYNCIN
VSYNC
Sync Signal Amplitude
AC coupled to SYNCIN pin (Notes 1 & 3)
140
600
mV
VSLICE
Slicing Level of Sync Signal
After sync lock is attained, see description
50
%
HORIZONTAL AND VERTICAL INPUT AT HIN, VERTIN
HSLICE, VSLICE Slice Level of HIN and VERTIN
1.4
V
THINL
H Sync Width
(Bi-Level)
312.8
% of H
time
(Tri-Level)
Minimum Sync Width
1.4
% of H
time
FHINH
H Sync Frequency
10.75
150
kHz
TVINL
V Sync Width
27
H lines
FVINH
V Sync Frequency
23
100
Hz
LOGIC OUTPUT SIGNALS, HOUT, VOUT, VBLANK, BACKPORCH, ODD/EVEN, SYNCLOCK
O/PLOW
Logic Low State
1.6mA, VCCD = 5V
GNDD+0.4
V
1.6mA, VCCD = 3.3V
GNDD+0.5
O/PHI
Logic High State
1.6mA, VCCD = 5V
VCCD-0.4
V
1.6mA, VCCD = 3.3V
VCCD-0.5
TdHOUT
HOUT Timing Relative to Input
See timing diagrams 1, 2, 3 & 4
TdSYNCOUT
SYNCOUT Timing Relative to Input See timing diagrams 1, 2, 3 & 4
TdBACKPORCH BACKPORCH Timing Relative to
Input
See timing diagrams 1, 2, 3 & 4
LEVEL OUTPUT DRIVER, LEVEL
VLEVEL
2 X Amplitude of VSYNC
Refer to description of operation
1.9x
2.15x
2.4x
ZLEVEL
O/P Resistance of Driver Stage
450
EL4511


Similar Part No. - EL4511CU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4511CU-T13 INTERSIL-EL4511CU-T13 Datasheet
645Kb / 24P
   Super Sync Separator
logo
Renesas Technology Corp
EL4511CU-T13 RENESAS-EL4511CU-T13 Datasheet
964Kb / 24P
   Super Sync Separator
More results

Similar Description - EL4511CU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4511 INTERSIL-EL4511_10 Datasheet
645Kb / 24P
   Super Sync Separator
logo
Renesas Technology Corp
EL4511 RENESAS-EL4511 Datasheet
964Kb / 24P
   Super Sync Separator
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
logo
Intersil Corporation
EL1881 INTERSIL-EL1881 Datasheet
193Kb / 11P
   Sync Separator, Low Power
logo
Mitsumi Electronics, Co...
MM1067 MITSUMI-MM1067 Datasheet
92Kb / 3P
   No-adjustment Sync Separator Sync Detector
logo
National Semiconductor ...
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Rohm
BA7046F ROHM-BA7046F Datasheet
159Kb / 5P
   Sync. Separator With AFC
BA7071F ROHM-BA7071F_1 Datasheet
186Kb / 6P
   Sync. Separator With AFC
logo
Elantec Semiconductor
EL1881C ELANTEC-EL1881C Datasheet
319Kb / 12P
   Sync Separator, Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com