Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2002CN Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL2002CN
Description  Low Power, 180MHz Buffer Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2002CN Datasheet(HTML) 3 Page - Intersil Corporation

  EL2002CN Datasheet HTML 1Page - Intersil Corporation EL2002CN Datasheet HTML 2Page - Intersil Corporation EL2002CN Datasheet HTML 3Page - Intersil Corporation EL2002CN Datasheet HTML 4Page - Intersil Corporation EL2002CN Datasheet HTML 5Page - Intersil Corporation EL2002CN Datasheet HTML 6Page - Intersil Corporation EL2002CN Datasheet HTML 7Page - Intersil Corporation EL2002CN Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
NOTES:
1. Force the input to +12V and the output to +10V and measure the output current. Repeat with -12VIN and -10V on the output.
2. VOS is measured at VS+ = +4.5V, VS- = -4.5V and VS+ = +18V, VS- = 18V. Both supplies are changed simultaneously.
3. Slew rate is measured between VOUT = +5V and -5V.
SR
Slew Rate (Note 3)
±10V
100
25°C
1200
2000
V/µs
Electrical Specifications
VS= ±15V, RS = 50Ω, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
TEST CONDITIONS
LIMITS
UNITS
VIN
LOAD
TEMP
MIN
TYP
MAX
EL2002


Similar Part No. - EL2002CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2002CN ELANTEC-EL2002CN Datasheet
302Kb / 12P
   Low Power, 180 MHz Buffer Amplifier
More results

Similar Description - EL2002CN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5211 PHILIPS-SA5211 Datasheet
172Kb / 20P
   Transimpedance amplifier 180MHz
1998 Oct 07
logo
Intersil Corporation
EL2160 INTERSIL-EL2160 Datasheet
280Kb / 14P
   180MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
logo
Cypress Semiconductor
Z9952 CYPRESS-Z9952 Datasheet
54Kb / 9P
   3.3V, 180MHz, Multi-Output Zero Delay Buffer
logo
Intersil Corporation
EL2001 INTERSIL-EL2001 Datasheet
222Kb / 6P
   Low Power, 70MHz Buffer Amplifier
logo
Cypress Semiconductor
Z9951 CYPRESS-Z9951 Datasheet
57Kb / 9P
   3.3V, 180MHz, Multi-Output Zero Delay Buffer
logo
National Semiconductor ...
CLC503 NSC-CLC503 Datasheet
100Kb / 6P
   Comlinear CLC503 180MHz, Differential-Output Amplifier
logo
Calogic, LLC
CLM4122 CALOGIC-CLM4122 Datasheet
50Kb / 4P
   4mW, 180MHz, 2000V/Us High Speed Buffer
logo
Cypress Semiconductor
Z9953 CYPRESS-Z9953 Datasheet
51Kb / 6P
   3.3V, 180MHz, Multi-Output Zero Delay Buffer
logo
Elantec Semiconductor
EL2002C ELANTEC-EL2002C Datasheet
302Kb / 12P
   Low Power, 180 MHz Buffer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com