Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2008 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL2008
Description  55MHz 1 Amp Buffer Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2008 Datasheet(HTML) 8 Page - Intersil Corporation

  EL2008 Datasheet HTML 1Page - Intersil Corporation EL2008 Datasheet HTML 2Page - Intersil Corporation EL2008 Datasheet HTML 3Page - Intersil Corporation EL2008 Datasheet HTML 4Page - Intersil Corporation EL2008 Datasheet HTML 5Page - Intersil Corporation EL2008 Datasheet HTML 6Page - Intersil Corporation EL2008 Datasheet HTML 7Page - Intersil Corporation EL2008 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
Video Mux and Distribution Amplifier
EL2008 Macromodel
* Connections:
+input
*
|
+Vsupply
*
|
|
-Vsupply
*
|
|
|
output
*
|
|
|
|
.subckt M2008
4
5
1
2
*
* Input Stage
*
e1 10 0 4 0 1.0
r1 10 0 1K
rh 10 11 1K
ch 11 0 2.65pF
rc 11 12 10K
cc 12 0 0.159pF
e2 13 0 12 0 1.0
*
* Output Stage
*
q1 1 13 14 qp
q2 5 13 15 qn
q3 5 14 16 qn 15
q4 1 15 19 qp 15
r2 16 2 0.4
r3 19 2 0.4
c1 14 0 0.6pF
c2 15 0 0.6pF
i1 5 14 1.2mA
i2 15 1 1.2mA
*
* Bias Current
*
iin+ 4 0 5µA
*
* Models
*
.model qn npn (is=5e-15 bf=1500)
.model qp pnp (is=5e-15 bf=1500)
.ends*
EL2008


Similar Part No. - EL2008

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
EL2008-0015 BECKHOFF-EL2008-0015 Datasheet
555Kb / 1P
   8-Channel Digital Output Terminal 24 VDC, 0.35 A
Version: 1.1
logo
Elantec Semiconductor
EL2008C ELANTEC-EL2008C Datasheet
446Kb / 12P
   55 MHz 1 Amp Buffer Amplifier
EL2008CT ELANTEC-EL2008CT Datasheet
446Kb / 12P
   55 MHz 1 Amp Buffer Amplifier
More results

Similar Description - EL2008

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2008C ELANTEC-EL2008C Datasheet
446Kb / 12P
   55 MHz 1 Amp Buffer Amplifier
EL2009C ELANTEC-EL2009C Datasheet
184Kb / 8P
   90 MHz 1 Amp Buffer Amplifier
logo
M.S. Kennedy Corporatio...
MSK0002 MSK-MSK0002 Datasheet
289Kb / 5P
   HIGH SPEED, BUFFER AMPLIFIER AMP
logo
Elantec Semiconductor
ELH0021K ELANTEC-ELH0021K Datasheet
240Kb / 8P
   1 Amp Power Operational Amplifier
logo
Zarlink Semiconductor I...
MF359 ZARLINK-MF359 Datasheet
321Kb / 7P
   780nm - 55MHz High Performance LED
logo
M/A-COM Technology Solu...
XB1004-BD MA-COM-XB1004-BD_15 Datasheet
1Mb / 12P
   Buffer Amplifier
XB1005-BD MA-COM-XB1005-BD Datasheet
1Mb / 14P
   Buffer Amplifier
XB1004-BD MA-COM-XB1004-BD Datasheet
1Mb / 12P
   Buffer Amplifier
XB1007-BD MA-COM-XB1007-BD Datasheet
901Kb / 11P
   Buffer Amplifier
XB1008-BD MA-COM-XB1008-BD Datasheet
676Kb / 7P
   Buffer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com