Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSP10T21PFB Datasheet(PDF) 6 Page - Texas Instruments

Part # VSP10T21PFB
Description  3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP10T21PFB Datasheet(HTML) 6 Page - Texas Instruments

Back Button VSP10T21PFB Datasheet HTML 2Page - Texas Instruments VSP10T21PFB Datasheet HTML 3Page - Texas Instruments VSP10T21PFB Datasheet HTML 4Page - Texas Instruments VSP10T21PFB Datasheet HTML 5Page - Texas Instruments VSP10T21PFB Datasheet HTML 6Page - Texas Instruments VSP10T21PFB Datasheet HTML 7Page - Texas Instruments VSP10T21PFB Datasheet HTML 8Page - Texas Instruments VSP10T21PFB Datasheet HTML 9Page - Texas Instruments VSP10T21PFB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
VSP10T21
3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL
CCD ANALOG FRONT END
SLES027 – MARCH 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = 25°C,
AVDD = DVDD = 3 V, MCLK = 21 MHz (unless otherwise noted) (continued)
analog-to-digital converter (ADC)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC resolution
10 (CCD)
8 (Video)
Bits
INL
Integral nonlinearity
AVDD = DVDD = 2.7 to 3.3 V
±1.0
LSB
DNL
Differential nonlinearity
AVDD = DVDD = 2.7 to 3.3 V
±0.5
LSB
SNR
Input referred signal to noise ratio
0 dB gain
60
dB
SNR
Input referred signal-to-noise ratio
36 dB gain
74
dB
correlated double sampler (CDS) and programmable gain amplifier (PGA)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CDS and PGA sample rate
21 (CCD)
28 (Video)
MHz
CDS full scale input span
Single-ended input
1
V
Input capacitance of CDS
4
pF
Minimum PGA gain
0
1
dB
Maximum PGA gain
CCD
36
dB
Maximum PGA gain
Video
12
dB
PGA gain resolution
0.047
dB
user digital-to-analog converters (DAC)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC resolution
8
Bits
INL
Integral nonlinearity
±0.5
LSB
DNL
Differential nonlinearity
±0.1
LSB
Output voltage range
0
AVDD
V
Output settling time
10-pF external load, settle to 1 mV
4
µs
reference voltages
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal bandgap voltage reference
1.43
1.50
1.58
V
Temperature coefficient
100
ppm/
°C
ADC Ref+
Externally decoupled
2
V
ADC Ref–
Externally decoupled
1
V


Similar Part No. - VSP10T21PFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
VSP1000DSFR TI1-VSP1000DSFR Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
VSP1000DSFT TI1-VSP1000DSFT Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
VSP1021 TI-VSP1021 Datasheet
245Kb / 17P
[Old version datasheet]   3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP1021 TI1-VSP1021 Datasheet
628Kb / 6P
[Old version datasheet]   3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
More results

Similar Description - VSP10T21PFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV990-21 TI-TLV990-21 Datasheet
311Kb / 22P
[Old version datasheet]   3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
TLV990-28 TI-TLV990-28 Datasheet
322Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
[Old version datasheet]   3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
TLV990-13 TI1-TLV990-13_16 Datasheet
300Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI-TLV990-13 Datasheet
289Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
VSP1021 TI1-VSP1021_14 Datasheet
628Kb / 6P
[Old version datasheet]   3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP1021 TI-VSP1021 Datasheet
245Kb / 17P
[Old version datasheet]   3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
VSP8133 TI-VSP8133 Datasheet
901Kb / 29P
[Old version datasheet]   CCD Analog Front-End with Timing Generator for Digital Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com