Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2797B-AFS Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # U2797B-AFS
Description  1000-MHz Quadrature Modulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2797B-AFS Datasheet(HTML) 3 Page - TEMIC Semiconductors

  U2797B-AFS Datasheet HTML 1Page - TEMIC Semiconductors U2797B-AFS Datasheet HTML 2Page - TEMIC Semiconductors U2797B-AFS Datasheet HTML 3Page - TEMIC Semiconductors U2797B-AFS Datasheet HTML 4Page - TEMIC Semiconductors U2797B-AFS Datasheet HTML 5Page - TEMIC Semiconductors U2797B-AFS Datasheet HTML 6Page - TEMIC Semiconductors U2797B-AFS Datasheet HTML 7Page - TEMIC Semiconductors U2797B-AFS Datasheet HTML 8Page - TEMIC Semiconductors U2797B-AFS Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TELEFUNKEN Semiconductors
U2797B
Rev. A1: 06.09.1995
3 (13)
Electrical characteristics
Test conditions (unless otherwise specified): VS = 5 V, Tamb = 25°C, referred to test circuit. System impedance
ZO = 50
W, fLO = 900 MHz, PLO = –10 dBm, VBBi = 1 Vpp diff
Parameters
Test conditions / Pin
Symbol
Min.
Typ.
Max.
Unit
Supply voltage range
Pins 5, 6 and 7
VS
4.5
5.5
V
Supply current
Pins 5, 6 and 7
IS
30
mA
Baseband inputs
Pins 9-10, 11–12
Input voltage range
(differential)
VBBi
1000
1500
mVpp
Input impedance
(single ended)
ZBBi
150
k
W
Input frequency range
fBBi
0
200
MHz
LO input
Pin 14
Frequency range
fLOi
100
1000
MHz
Input level 1
PLOi
–12
–10
–5
dBm
Input impedance
ZiLO
50
W
Voltage standing wave ratio
VSWRLO
1.4
2
Duty cycle range
DCRLO
0.4
0.6
RF output
Pin 4
Output level
PRFo
–5
–1
dBm
LO suppression 2
fLO = 900 MHz
fLO = 150 MHz
LORFo
30
32
35
35
dB
Sideband suppression 2,3
fLO = 900 MHz
fLO = 150 MHz
SBSRFo
35
30
40
35
dB
Phase error 4
Pe
< 1
deg.
Amplitude error
Ae
<
"0.25
dB
Noise floor
VBBi = 2 V, VBBi = 3 V
VBBi = VBBi = 2.5 V
NFL
– 132
– 144
dBm/Hz
VSWR
VSWRRF
1.6
2
3rd order baseband
harmonic suppression
SBBH
35
45
dB
RF harmonic suppression
SRFH
35
dB
Power down mode
Supply current
VPD
x 0.5 V
Pins 4, 5
VPD = 1 V
IPD
10
1
mA
Settling time
CSPD = 100 pF
CLO = 100 pF
CRFo = 1 nF
Pin 6 to 3
tsPD
10
ms
Switching voltage
Pin 1
Power on
VPDon
4
V
Power down
VPDdown
1
V
Reference voltage
Pin 13
Voltage range
VRef
2.35
2.5
2.65
V
Output impedance
Zo Ref
30
W
Note: 1 The required LO level is a function of the LO frequency
Note: 2 In reference to a RF output level
v –1 dBm and I/Q input level of 400 mVpp diff.
Note: 3 Sideband suppression is tested without connection at pins 19 and 20. For higher
requirements a potentiometer can be connected at these pins.
Note: 4 For Tamb = –40 to + 85°C and VS = 4.5 to 5.5 V


Similar Part No. - U2797B-AFS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
List of Unclassifed Man...
U2790B ETC1-U2790B Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
U2790B ATMEL-U2790B Datasheet
233Kb / 15P
   Supply Voltage 5 V (Typically)
U2790B-MFP ATMEL-U2790B-MFP Datasheet
233Kb / 15P
   Supply Voltage 5 V (Typically)
More results

Similar Description - U2797B-AFS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
logo
List of Unclassifed Man...
STQ-1016 ETC-STQ-1016 Datasheet
146Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-1016 SIRENZA-STQ-1016 Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
ADL5370 AD-ADL5370 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8345AREZ AD-AD8345AREZ Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
U2793B ATMEL-U2793B_06 Datasheet
329Kb / 13P
   300-MHz Quadrature Modulator
U2793B ATMEL-U2793B Datasheet
255Kb / 12P
   300 MHZ QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com