Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-B2324 Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BL-B2324
Description  STANDARD LED LAMPS(ROUND TYPES)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-B2324 Datasheet(HTML) 1 Page - Yellow Stone Corp

  BL-B2324 Datasheet HTML 1Page - Yellow Stone Corp BL-B2324 Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 20mA)
Vf
(V)
Iv
(mcd)
Package
Part No.
Material/ Emitted
Color
Peak
Wave
Length
p
(nm)
Lens
Appearance
(nm)
Pd
(mw)
If
(mA)
Peak
(mA) Typ Max Typ.
Viewing
Angle
2 1/2
(deg)
Drawing
No.
BL-B1132
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
9.0
BL-B5132
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6 12.0
BL-B4532
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6 70.0
BL-B2132
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6 70.0
BL-B3132
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6 60.0
BL-B4132
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6 70.0
55
Standard
1.0" Lead
4.0
BL-B4632
GaAsP/GaP /Hi-Eff Red
635
Red Trans
45
80
30
150 2.0 2.6 120.0
35
L-033
BL-B4533
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6 80.0
BL-B2133
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6 80.0
BL-B3133
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6 70.0
BL-B4133
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6 80.0
BL-B3333
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1 2.6 100.0
40
BL-B2333
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6 130.0
Medium
Profile
Flangeless
1.0"
Lead
4.7
BL-B4333
GaAsP/GaP/ Orange
635
Water Clear
45
80
30
150 2.0 2.6 130.0
30
L-034
BL-B1133N GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0 15.0
BL-B5133N GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6 25.0
BL-B4533N GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6 80.0
BL-B2133N GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6 80.0
BL-B3133N GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6 70.0
40
BL-B2433N GaP/GaP/ Green
568
Green Trans
30
80
30
150 2.2 2.6 130.0
Medium
Profile
Flangeless
1.0"
Lead
4.8
BL-B3433N GaAsP/GaP/ Yellow
585
Yellow Trans
35
80
30
150 2.1 2.6 100.0
30
L-035
BL-B4524
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6 25.0
BL-B2124
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6 25.0
BL-B3124
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6 20.0
BL-B4124
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6 25.0
40
BL-B2424
GaP/GaP/ Green
568
Green Trans
30
80
30
150 2.2 2.6 65.0
BL-B3424
GaAsP/GaP/ Yellow
585
Yellow Trans
35
80
30
150 2.1 2.6 50.0
T-13/4
Standard
0.5"Lead
5.0
BL-B2324
GaP/GaP / Green
568
Water Clear
30
80
30
150 2.2 2.6 65.0
30
L-036
BL-B1114
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
4.0
BL-B5114
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
6.0
BL-B4114
GaAsP/GaP/ Orange
635
Red Diffused
45
80
30
150 2.0 2.6 50.0
BL-B2114
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6 50.0
BL-B3114
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6 40.0
45
BL-B2414
GaP/GaP/ Green
568
Green Trans
30
80
30
150 2.0 2.6 55.0
T-13/4
Standard
0.8"Lead
5.0
BL-B4614
GaAsP/GaP/ Hi-Eff Red
635
Red Trans
45
80
30
150 2.0 2.6 55.0
35
L-037
BL-B1134
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
8.0
BL-B5134
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6 12.0
BL-B4534
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6 80.0
BL-B2134
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6 80.0
BL-B3134
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6 70.0
35
BL-B2434
GaP/GaP/ Green
568
Green Trans
30
80
30
150 2.0 2.6 200
T-13/4
Standard
1.0"Lead
5.0
BL-B4634
GaAsP/GaP/ Yellow
635
Red Trans
45
80
30
150 2.0 2.6 200
12
L-038
BL-B1134-1 GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
5.0
BL-B5134-1 GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
8.0
BL-B4534-1 GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6 65.0
BL-B2134-1 GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6 65.0
BL-B3134-1 GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6 55.0
40
T-13/4
Wide
Viewing
Angle
1.0"Lead
5.0
BL-B2434-1 GaP/GaP/ Green
568
Green Trans
30
80
30
150 2.0 2.6 160
20
L-039
BL-B4334A GaAsP/GaP/ Orange
635
45
80
30
150 2.0 2.6 60.0
BL-B2334A GaP/GaP/ Green
568
30
80
30
150 2.0 2.6 60.0
BL-B3334A GaAsP/GaP/ Yellow
585
Water Clear
35
80
30
150 2.1 2.6 50.0
BL-B4434A GaAsP/GaP/ Orange
635
Orange Trans
45
80
30
150 2.0 2.6 60.0
T-13/4
Low
Profile
1.0"Lead
5.0
BL-B2434A GaP/GaP/ Green
568
Green Trans
30
80
30
150 2.0 2.6 60.0
30
L-040
Remark
1.Hi-Eff Red / High-Efficiency Red.
2. Trans / Transparent.
3. 2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity.
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BL-B2324

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B2324 YSTONE-BL-B2324 Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-B2324 YSTONE-BL-B2324 Datasheet
461Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-B2324 BRIGHT-BL-B2324 Datasheet
147Kb / 2P
   LED GaP/GaP Green Low current requirement High efficiency.
logo
American Bright OPTOELE...
BL-B2324 AMERICANBRIGHT-BL-B2324 Datasheet
118Kb / 2P
   Round – 5mm (T1 3/4) LED Components
Ver.2.0
logo
Yellow Stone Corp
BL-B2324C YSTONE-BL-B2324C Datasheet
500Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
More results

Similar Description - BL-B2324

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B4541 YSTONE-BL-B4541 Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-B4541 YSTONE-BL-B4541 Datasheet
461Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-B2441 YSTONE-BL-B2441 Datasheet
1,003Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1134M YSTONE-BL-B1134M Datasheet
500Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BB-B5171-C YSTONE-BB-B5171-C Datasheet
114Kb / 1P
   BLINKING LED LAMPS(ROUND TYPES)
BR-B51V1-05V YSTONE-BR-B51V1-05V Datasheet
67Kb / 1P
   RESISTOR LED LAMPS (ROUND TYPES)
BL-R1138A YSTONE-BL-R1138A Datasheet
372Kb / 2P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R1115 YSTONE-BL-R1115 Datasheet
505Kb / 2P
   STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R5131 YSTONE-BL-R5131 Datasheet
401Kb / 4P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-C5121 YSTONE-BL-C5121 Datasheet
400Kb / 5P
   STANDARD LED LAMPS (CYLINDRICAL TYPES)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com