Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1723CMS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1723CMS8
Description  Single, Dual, Quad 200MHz Low Noise Precision Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1723CMS8 Datasheet(HTML) 2 Page - Linear Technology

  LT1723CMS8 Datasheet HTML 1Page - Linear Technology LT1723CMS8 Datasheet HTML 2Page - Linear Technology LT1723CMS8 Datasheet HTML 3Page - Linear Technology LT1723CMS8 Datasheet HTML 4Page - Linear Technology LT1723CMS8 Datasheet HTML 5Page - Linear Technology LT1723CMS8 Datasheet HTML 6Page - Linear Technology LT1723CMS8 Datasheet HTML 7Page - Linear Technology LT1723CMS8 Datasheet HTML 8Page - Linear Technology LT1723CMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1722/LT1723/LT1724
2
172234fa
Total Supply Voltage (V+ to V) ............................ 12.6V
Input Voltage ...........................................................
±VS
Differential Input Voltage (Note 2) ........................
±0.7V
Input Current (Note 2) ........................................
±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
TJMAX = 150°C, θJA = 190°C/W
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grades are identified by a label on the shipping container.
Operating Temperature Range (Note 4) ... –40
°C to 85°C
Specified Temperature Range (Note 5) ... –40
°C to 85°C
Maximum Junction Temperature .......................... 150
°C
Storage Temperature Range ................. –65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
LT1722CS8
LT1722IS8
ORDER PART
NUMBER
S5 PART
MARKING*
LTZB
LT1722CS5
LT1722IS5
TJMAX = 150°C, θJA = 250°C/W
1722
1722I
S8 PART
MARKING
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
A
B
TOP VIEW
NC
V+
OUT
NC
NC
–IN
+IN
V
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
+
TJMAX = 150°C, θJA = 150°C/W
OUT 1
V2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
+IN 3
5 V+
4 –IN
+–
ORDER PART
NUMBER
LT1723CS8
LT1723IS8
1723
1723I
S8 PART
MARKING
TJMAX = 150°C, θJA = 100°C/W
ORDER PART
NUMBER
LT1724CS
LT1724IS
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
8
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V
+IN C
–IN C
OUT C
+
+
AD
+
+
BC
ORDER PART
NUMBER
LT1723CMS8
LT1723IMS8
LTYC
LTZA
MS8 PART
MARKING
1
2
3
4
OUT A
–IN A
+IN A
V
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
A
B
TJMAX = 150°C, θJA = 250°C/W


Similar Part No. - LT1723CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1723 LINER-LT1723 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
More results

Similar Description - LT1723CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
MAX410 MAXIM-MAX410_08 Datasheet
325Kb / 16P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com