Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1724CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1724CS
Description  Single, Dual, Quad 200MHz Low Noise Precision Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1724CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1724CS Datasheet HTML 7Page - Linear Technology LT1724CS Datasheet HTML 8Page - Linear Technology LT1724CS Datasheet HTML 9Page - Linear Technology LT1724CS Datasheet HTML 10Page - Linear Technology LT1724CS Datasheet HTML 11Page - Linear Technology LT1724CS Datasheet HTML 12Page - Linear Technology LT1724CS Datasheet HTML 13Page - Linear Technology LT1724CS Datasheet HTML 14Page - Linear Technology LT1724CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1722/LT1723/LT1724
11
172234fa
Large-Signal Transient, AV = 1
AV = 1
50ns/DIV
1723 G34
RS = 500Ω
RF = 0Ω
Small-Signal Transient, AV = 1
AV = 1
50ns/DIV
1723 G35
RS = 0Ω
RF = 0Ω
CL = 0pF
Small-Signal Transient, AV = 1
AV = 1
50ns/DIV
1723 G36
RS = 0Ω
RF = 0Ω
CL = 100pF
Large-Signal Transient, AV = –1
AV = –1
50ns/DIV
1723 G37
RG = 500Ω
RF = 500Ω
Small-Signal Transient, AV = –1
AV = –1
50ns/DIV
1723 G38
RG = 500Ω
RF = 500Ω
CL = 0pF
Small-Signal Transient, AV = –1
AV = –1
50ns/DIV
1723 G39
RG = 500Ω
RF = 500Ω
CL = 100pF
1V/DIV
50mV/DIV
50mV/DIV
1V/DIV
50mV/DIV
50mV/DIV
TYPICAL PERFOR A CE CHARACTERISTICS
Harmonic Distortion vs Frequency
AV = 2, VO = 2VP-P
FREQUENCY (MHz)
0.1
–100
–90
–80
–70
–60
–40
110
1723 G33
–50
VS = 5V
AV = 2
RF = 500Ω
VO = 2VP-P
RL = 150Ω, 3RD
RL = 500Ω, 3RD
RL = 500Ω, 2ND
RL = 150Ω, 2ND
SETTLING TIME (ns)
60
0
1.5
2.0
140
1723 G43
–0.5
–1.0
–3.0
80
100
120
70
90
110
130
–2.0
3.0
2.5
1.0
0.5
–1.5
–2.5
VS = ±5V
AV = –1
RF = 500Ω
CF = 0pF
0.1% SETTLING
0.1% SETTLING
0.01% SETTLING
0.01% SETTLING
Settling Time vs Output Step


Similar Part No. - LT1724CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1724 LINER-LT1724 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
More results

Similar Description - LT1724CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
MAX410 MAXIM-MAX410_08 Datasheet
325Kb / 16P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com