Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2760V Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2760V
Description  Band Pass Filter for Spectrum Analyzer Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2760V Datasheet(HTML) 5 Page - New Japan Radio

  NJM2760V Datasheet HTML 1Page - New Japan Radio NJM2760V Datasheet HTML 2Page - New Japan Radio NJM2760V Datasheet HTML 3Page - New Japan Radio NJM2760V Datasheet HTML 4Page - New Japan Radio NJM2760V Datasheet HTML 5Page - New Japan Radio NJM2760V Datasheet HTML 6Page - New Japan Radio NJM2760V Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NJM2760
– 5 –
s
s
s
s APPLICATION NOTE
1. Center Frequency Setting for Band Pass Filters
Band pass filters equivalent circuits as follows.
Center Frequency (fo) can be formulated as follows.
*) As regards the BPF1, the values of Ra and Rb are fixed. Also as regards the BPF2-4, the values of Rb is fixed.
2. Output Gain Setting for RECout.
Output Voltage of RECout is adjustable by external resistor: R2
Voltage Gain (Gv) is defined as follows.
Ra
Rb
C
BPF1 (8kHz)
10 kΩ*
)
169 kΩ*
)
470pF
BPF2 (1.2kHz)
6.8 kΩ
113 kΩ*
)
4.7nF
BPF3 (300Hz)
5.6 kΩ
96.5 kΩ*
)
22nF
BPF4 (80Hz)
10 kΩ
169 kΩ*
)
47nF
Ra
to Detector
Rb
C
C
Internal Circuit
External Circuit
from Input Buffer
Ra
to Detector
Rb
C
C
Internal Circuit
from Input Buffer
External Circuit
Fig.1-a. BPF1's Equivalent Circuit
Fig.1-b. BPF2-4 's Equivalent Circuit
Table 1. Center frequency setting example
b
0
CR
π
2
Q
2
f
=
[Hz],
Q=2
]
k
[
100
]
k
[
R
G
]
Vpeak
[
Vin
]
Vdc
[
Vout
2
v =
=


Similar Part No. - NJM2760V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2761 NJRC-NJM2761 Datasheet
199Kb / 7P
   The Audio Limiter for Speaker Protection
logo
List of Unclassifed Man...
NJM2761 ETC2-NJM2761 Datasheet
285Kb / 8P
   Audio Limiter
logo
Tiger Electronic Co.,Lt...
NJM2761 TGS-NJM2761 Datasheet
298Kb / 9P
   Audio Limiter IC
logo
New Japan Radio
NJM2761RB2 NJRC-NJM2761RB2 Datasheet
199Kb / 7P
   The Audio Limiter for Speaker Protection
logo
List of Unclassifed Man...
NJM2761RB2-TE1 ETC2-NJM2761RB2-TE1 Datasheet
285Kb / 8P
   Audio Limiter
More results

Similar Description - NJM2760V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7505 NJRC-NJU7505 Datasheet
78Kb / 9P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY
NJU7507 NJRC-NJU7507 Datasheet
324Kb / 10P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY?
NJU7509 NJRC-NJU7509 Datasheet
254Kb / 11P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY?
NJU7508 NJRC-NJU7508 Datasheet
309Kb / 12P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY
logo
Rohm
BA3835S ROHM-BA3835S Datasheet
131Kb / 10P
   Band-pass filter for spectrum analyzer
BA3834S ROHM-BA3834S Datasheet
135Kb / 10P
   Band-pass filter for spectrum analyzer
BA3826S ROHM-BA3826S Datasheet
115Kb / 7P
   Band-pass filter for spectrum analyzer
BA3835F ROHM-BA3835F Datasheet
261Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
BA3830F ROHM-BA3830F Datasheet
174Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
BA3834F ROHM-BA3834F Datasheet
273Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com