Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMG10D60F Datasheet(PDF) 1 Page - SanRex Corporation

Part # TMG10D60F
Description  TRIAC(Through Hole/Isolated)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

TMG10D60F Datasheet(HTML) 1 Page - SanRex Corporation

  TMG10D60F Datasheet HTML 1Page - SanRex Corporation TMG10D60F Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
■Electrical Characteristics
VDRM
Repetitive Peak Off-State Voltage
600
10
V
Symbol
Item
Reference
Ratings
Unit
IT(RMS)
R.M.S. On-State Current
ITSM
Surge On-State Current
Tc
=83℃
One cycle, 50Hz/60Hz, Peak value non-repetitive
I2t
I2t
(for fusing)
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IGM
Peak Gate Current
VGM
Peak Gate Voltage
A
100/110
A
50
5
A2S
W
0.5
Tj
Operating Junction Temperature
Tstg
Storage Temperature
Mass
2
W
A
10
V
VISO
Isolation Breakdown Voltage
(R.M.S.)
A.C. 1minute
1500
V
−40∼+125
−40∼+150
2
g
Symbol
Item
Reference
Ratings
Min.
Typ.
Max.
Unit
IDRM
Repetitive Peak Off-State Current
VTM
Peak On-State Voltage
VD=VDRM, Single phase, half wave, Tj
=125℃
IT
=15A, Inst. measurement
I
GT1
1
2
3
4
Gate Trigger Current
I
GT1
I
GT3
I
GT3
VGD
Non-Trigger Gate Voltage
VD
=6V,RL=10Ω
mA
V
mA
0.2
10
20
2
1.4
10
10
10
1.5
1.5
1.5
3.5
V
GT1
1
2
3
4
Gate Trigger Voltage
V
GT1
V
GT3
V
GT3
V
Tj
=125℃,VD12VDRM
〔dv/dt〕c
Critical Rate of Rise of Off-State
Voltage at Commutation
IH
Holding Current
Rth
Thermal Resistance
Tj
=125℃,
〔di/dt〕
c
=−5A/ms,VD23VDRM
Junction to case
V
V/
μs
mA
℃/W
Mode 1( I
Trigger mode of the triac
Mode 2( I
Mode 3( III
Mode 4( III
φ3.2
±0.2
10.5±0.3
4.7±0.2
2.7±0.2
2.6±0.2
0.60±0.15
0.6±0.15
1.4±0.2
1.1±0.2
2.54±0.25
5.08±0.5
12
3
1
2
3
1 T1
2 T2
3 Gate
Identifying Code
:T10D6F
TO-220F
Unit
mm
TMG10D60F
(Sensitive Gate)
TRIAC(Through Hole / Isolated)
Triac TMG10D60F is designed for full wave AC control applications.
It can be used as an ON/OFF function or for phase control operation.
Typical Applications
Home Appliances : Washing Machines, Vacuum Cleaners, Rice Cookers, Micro
Wave Ovens, Hair Dryers, other control applications
Industrial Use
: SMPS, Copier Machines, Motor Controls, Dimmer, SSR,
Heater Controls, Vending Machines, other control
applications
Features
IT(RMS)=10A
High Surge Current
Low Voltage Drop
Lead-Free Package
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com


Similar Part No. - TMG10D60F

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
TMG10D60 SANREX-TMG10D60 Datasheet
469Kb / 2P
   TRIAC(Through Hole/Non-isolated)
TMG10D60H SANREX-TMG10D60H Datasheet
471Kb / 2P
   TRIAC(Surface Mount Device/Non-isolated)
More results

Similar Description - TMG10D60F

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
TMG25D80J SANREX-TMG25D80J Datasheet
471Kb / 2P
   TRIAC(Through Hole / Isolated)
TMG3D80F SANREX-TMG3D80F Datasheet
471Kb / 2P
   TRIAC(Through Hole/Isolated)
TMG20C60F SANREX-TMG20C60F Datasheet
475Kb / 2P
   TRIAC(Through Hole / Isolated)
TMG2CQ60F SANREX-TMG2CQ60F Datasheet
480Kb / 2P
   TRIAC(Through Hole/Isolated)
TMG16C60J SANREX-TMG16C60J Datasheet
472Kb / 2P
   TRIAC(Through Hole/Isolated)
TMG16D80J SANREX-TMG16D80J Datasheet
472Kb / 2P
   TRIAC(Through Hole / Isolated)
logo
List of Unclassifed Man...
TMG40C60J ETC2-TMG40C60J Datasheet
215Kb / 2P
   TRIAC(Through Hole / Isolated)
logo
SanRex Corporation
TMG5CQ60F SANREX-TMG5CQ60F Datasheet
489Kb / 2P
   TRIAC(Through Hole / Isolated)
TMG3C80F SANREX-TMG3C80F Datasheet
470Kb / 2P
   TRIAC(Through Hole/Isolated)
TMG12D80F SANREX-TMG12D80F Datasheet
470Kb / 2P
   TRIAC(Through Hole/Isolated)
TMG16C80F SANREX-TMG16C80F Datasheet
471Kb / 2P
   TRIAC(Through Hole/Isolated)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com