Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSSIO16E-TISA Datasheet(PDF) 10 Page - ATMEL Corporation

Part # TSSIO16E-TISA
Description  VAN Peripheral Circuit 16 Inputs-Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSSIO16E-TISA Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button TSSIO16E-TISA Datasheet HTML 6Page - ATMEL Corporation TSSIO16E-TISA Datasheet HTML 7Page - ATMEL Corporation TSSIO16E-TISA Datasheet HTML 8Page - ATMEL Corporation TSSIO16E-TISA Datasheet HTML 9Page - ATMEL Corporation TSSIO16E-TISA Datasheet HTML 10Page - ATMEL Corporation TSSIO16E-TISA Datasheet HTML 11Page - ATMEL Corporation TSSIO16E-TISA Datasheet HTML 12Page - ATMEL Corporation TSSIO16E-TISA Datasheet HTML 13Page - ATMEL Corporation TSSIO16E-TISA Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
4421B–ASSP–10/05
TSSIO16E
4.5
State on power on and safety mode
This table indicates the state of ports A and B and the INT pin on power on and changeover to
the safety mode. In power on mode the command register is initialized to 0.
• selection of RDX0 acces in automatic mode,
• line diagnosis activated,
• access free peripheral.
4.5.1
Condition for enter in safety mode (see Figure )
4.5.2
Condition for exit from safety mode
Writing of port A is a way of exiting from the safety mode. Pin INT returns to 0.
Example: Case of a LCD display with a TSSIO16E shared simul-
taneously by car radio and vehicle computer. In this case, the car
radio (B7 = 1) inhibits access to the display line until the full mes-
sage is displayed.
This access control strategy is only meaningful if the computer
(car radio or on-board computer) wants access to the peripheral
(display) and reads the control register to ensure that the periph-
eral is available. Writing to the port is never inhibited.
car radio
VAN lines
VAN lines
vehicle computer
LCD display with TSSIO16E
power-on
safety mode
Port A
high Z
high Z
Port B
high Z
unchanged
INT pin
0
1
• After reset:
in the absence of writing or reading in the circuit for a SLTO
• During operation:
in the presence of coherent frames but the absence of reading or writing in the circuit for a LTO


Similar Part No. - TSSIO16E-TISA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TSS MACOM-TSS Datasheet
305Kb / 6P
   Slide Switches, Vertical, Single or Dual Actuator
logo
Littelfuse
TSS LITTELFUSE-TSS Datasheet
528Kb / 2P
   Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
logo
Samtec, Inc
TSS SAMTEC-TSS Datasheet
532Kb / 2P
   SLIM BODY FLAT RIBBON IDC CABLES (2.54 mm) .100" PITCH
logo
RCD COMPONENTS INC.
TSS-104-M RCD-TSS-104-M Datasheet
57Kb / 1P
   TANTALUM CHIP TANGOLDTM CAPACITORS
logo
Mini-Circuits
TSS-13HLN MINI-TSS-13HLN Datasheet
318Kb / 5P
   Monolithic Amplifier
More results

Similar Description - TSSIO16E-TISA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4986EVKIT MAXIM-MAX4986EVKIT Datasheet
1Mb / 11P
   Application Circuit with SATA Inputs/Outputs
Rev 0; 2/10
MAX14970EVKIT MAXIM-MAX14970EVKIT Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
MAX4951EVKIT MAXIM-MAX4951EVKIT Datasheet
255Kb / 9P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 10/08
logo
PHOENIX CONTACT
2897570 PHOENIX-2897570 Datasheet
744Kb / 16P
   Inline Block IO Module for SERCOS III With 16 Digital Inputs and 16 Digital Inputs/Outputs
logo
List of Unclassifed Man...
GMBHR168 ETC2-GMBHR168 Datasheet
1Mb / 70P
   Mini BLOCK Housing 16 opto inputs, 8 Relay outputs
logo
Schneider Electric
ABE7H16R50 SCHNEIDER-ABE7H16R50 Datasheet
144Kb / 6P
   passive connection sub-base ABE7 - 16 inputs or outputs
Aug 9, 2019
logo
ATMEL Corporation
TSS461F ATMEL-TSS461F Datasheet
606Kb / 57P
   VAN Data Link Controller
logo
IK Semicon Co., Ltd
IN74LS157 IKSEMICON-IN74LS157 Datasheet
192Kb / 4P
   Buffered Inputs and Outputs
logo
Schneider Electric
HMISCU6A5 SCHNEIDER-HMISCU6A5 Datasheet
245Kb / 9P
   3?? color touch controller panel - Dig 16 inputs/10 outputs
Aug 10, 2019
HMISCU8A5 SCHNEIDER-HMISCU8A5 Datasheet
211Kb / 9P
   5?? color touch controller panel - Dig 16 inputs/10 outputs
Aug 15, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com