Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX07DR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LCX07DR2
Description  Low-Voltage CMOS Hex Buffer with Open Drain Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX07DR2 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LCX07DR2 Datasheet HTML 1Page - ON Semiconductor MC74LCX07DR2 Datasheet HTML 2Page - ON Semiconductor MC74LCX07DR2 Datasheet HTML 3Page - ON Semiconductor MC74LCX07DR2 Datasheet HTML 4Page - ON Semiconductor MC74LCX07DR2 Datasheet HTML 5Page - ON Semiconductor MC74LCX07DR2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74LCX07
http://onsemi.com
4
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 3.3 V, VI = 0 V or VCC
7
pF
COUT
Output Capacitance
VCC = 3.3 V, VI = 0 V or VCC
8
pF
CPD
Power Dissipation Capacitance
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
25
pF
PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1MHz; tW = 500 ns
VCC
0 V
VLZ
An
On
tPLZ
tPZL
Vmi
Vmo
Figure 3. AC Waveforms
VOL
Vmi
Symbol
VCC
3.3 V
$ 0.3 V
2.7 V
2.5 V
$ 0.2 V
Vmi
1.5 V
1.5 V
VCC/2
Vmo
1.5 V
1.5 V
VCC/2
VLZ
VOL + 0.3 V
VOL + 0.3 V
VOL + 015 V
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
R1
6 V or VCC  2
GND
TEST
SWITCH
tPZL, tPLZ
6 V
Open Collector/Drain tPLH and tPHL
6 V
tPZH, tPHZ
GND
CL = 50 pF at VCC = 3.3 "0.3 V or equivalent (includes jig and probe capacitance)
CL = 30 pF at VCC = 2.5 "0.2 V or equivalent (includes jig and probe capacitance)
RL = R1 = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)
Figure 4. Test Circuit


Similar Part No. - MC74LCX07DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX07DR2G ONSEMI-MC74LCX07DR2G Datasheet
127Kb / 6P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
July, 2012 ??Rev. 13
MC74LCX07DR2G ONSEMI-MC74LCX07DR2G Datasheet
259Kb / 8P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
October, 2012 ??Rev. 14
More results

Similar Description - MC74LCX07DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX07 ONSEMI-MC74LCX07_12 Datasheet
127Kb / 6P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
July, 2012 ??Rev. 13
MC74LCX07 ONSEMI-MC74LCX07_V01 Datasheet
259Kb / 8P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
October, 2012 ??Rev. 14
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07 Datasheet
69Kb / 10P
   Low Voltage Hex Buffer with Open Drain Outputs
logo
ON Semiconductor
74LCX07 ONSEMI-74LCX07 Datasheet
693Kb / 13P
   Low Voltage Hex Buffer with Open Drain Outputs
December 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07_08 Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
74LCX07MX FAIRCHILD-74LCX07MX Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
74LCX06 FAIRCHILD-74LCX06 Datasheet
60Kb / 7P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
logo
ON Semiconductor
74LCX06 ONSEMI-74LCX06 Datasheet
255Kb / 8P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
January 2008 Rev. 1.8.0
logo
STMicroelectronics
74LCX07YMTR STMICROELECTRONICS-74LCX07YMTR Datasheet
252Kb / 16P
   Low-voltage CMOS hex buffer (open drain)
logo
Fairchild Semiconductor
74LCX06 FAIRCHILD-74LCX06_01 Datasheet
78Kb / 7P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com