Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V70200BC Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V70200BC
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70200BC Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V70200BC Datasheet HTML 4Page - Integrated Device Technology IDT72V70200BC Datasheet HTML 5Page - Integrated Device Technology IDT72V70200BC Datasheet HTML 6Page - Integrated Device Technology IDT72V70200BC Datasheet HTML 7Page - Integrated Device Technology IDT72V70200BC Datasheet HTML 8Page - Integrated Device Technology IDT72V70200BC Datasheet HTML 9Page - Integrated Device Technology IDT72V70200BC Datasheet HTML 10Page - Integrated Device Technology IDT72V70200BC Datasheet HTML 11Page - Integrated Device Technology IDT72V70200BC Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
COMMERCIALTEMPERATURERANGE
IDT72V70200 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 512 x 512
Connection Memory
Data Memory
1
0
Control Register
CRb7
5711 drw06
10000000
The Control Register is only accessed when A7-A0 are all
zeroed. When A7 =1, up to 32 bytes are randomly accessable
via A0-A4 at any one instant. Of which stream these
bytes (channels) are accessed is determined by the state of
CRb3 -CRb0.
CRb6CRb5CRb4CRb2CRb1CRb0
CRb4
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
Stream
CRb2CRb1CRb0
0
0
0
0
0
0
0
0
CRb3
CRb3
8
9
10
11
12
13
14
15
000
001
010
011
100
101
110
111
1
1
1
1
1
1
1
1
Channel 31
Channel 31
Channel 31
Channel 31
Channel 31
Channel 31
Channel 31
Channel 31
Channel 31
Channel 31
Channel 31
Channel 31
Channel 31
Channel 31
Channel 31
Channel 31
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
10000001
10000010
10011111
External Address Bits
A7-A0
Figure 3. Addressing Internal Memories


Similar Part No. - IDT72V70200BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V70200PFBLANK IDT-IDT72V70200PFBLANK Datasheet
191Kb / 23P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70200PFG RENESAS-IDT72V70200PFG Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V70200PFGBLANK IDT-IDT72V70200PFGBLANK Datasheet
191Kb / 23P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
IDT72V70200 IDT-IDT72V70200_08 Datasheet
191Kb / 23P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
More results

Similar Description - IDT72V70200BC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70200 IDT-IDT72V70200_08 Datasheet
191Kb / 23P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
IDT72V70800 IDT-IDT72V70800 Datasheet
148Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70800 RENESAS-IDT72V70800 Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com