Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV1G66ACME Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LV1G66ACME
Description  Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G66ACME Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LV1G66ACME Datasheet HTML 1Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 8Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HD74LV1G66A
Rev.6.00, Aug.29.2003, page 5 of 11
Electrical Characteristics
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol VCC (V)
Min
Typ Max Min
Typ Max
Unit Test
Conditions
1.65 to 1.95
———
VCC
×0.75 ——
2.3 to 2.7
———VCC
×0.7 —
3.0 to 3.6
———VCC
×0.7 —
VIH
4.5 to 5.5
———VCC
×0.7 —
1.65 to 1.95
————
VCC
×0.25
2.3 to 2.7
————
—VCC
×0.3
3.0 to 3.6
————
—VCC
×0.3
Input voltage
VIL
4.5 to 5.5
————
—VCC
×0.3
V
Control input only
1.8
————
0.25 —
2.5
————
0.30 —
3.3
————
0.35 —
Hysteresis
voltage
VH
5.0
————
0.45 —
VVT
+ – V
T
1.65
120
360
450
2.3
60
180
225
3.0
50
150
190
On-state switch
resistance
RON
4.5
40
75
100
VIN = VCC or GND
VC = VIH
IT = 1 mA
1.65
700
1100 —
1400
2.3
250
500
600
3.0
100
180
225
Peak on
resistance
RON (P)
4.5
50
100
125
VIN = VCC to GND
VC = VIH
IT = 1 mA
Off-state switch
leakage current
Is (OFF)
5.5
±0.1 —
±1.0
µAVIN = VCC,
VOUT = GND
or VIN = GND,
VO = VCC, VC = VIL
On-state switch
leakage current
Is (ON)
5.5
±0.1 —
±1.0
µAVIN = VCC or GND
VC = VIH
Input current
IIN
0 to 5.5
±0.1 —
±1.0
µAVIN = 5.5 V or GND
Quiescent
supply current
ICC
5.5
————
—10
µAVIN = VCC or GND
Control input
capacitance
CIC
——
3.5
pF
Switch terminal
capacitance
CIN / OUT ——
4.0
pF
Feed through
capacitance
CIN–OUT ——
0.5
pF


Similar Part No. - HD74LV1G66ACME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G66ACME RENESAS-HD74LV1G66ACME Datasheet
124Kb / 9P
   Analog Switch
More results

Similar Description - HD74LV1G66ACME

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
   Analog Switch
logo
Renesas Technology Corp
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
   Analog Switch
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
   Analog Switch
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
   Analog Switch
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
   Analog switch
Rev.1.0 Sep.22.2003
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
   Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
   Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
   Analog Switch
HD74ALVC1G66 RENESAS-HD74ALVC1G66_15 Datasheet
122Kb / 15P
   Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com