Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT257 Datasheet(PDF) 7 Page - ON Semiconductor

Part # 74ACT257
Description  Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT257 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button 74ACT257 Datasheet HTML 3Page - ON Semiconductor 74ACT257 Datasheet HTML 4Page - ON Semiconductor 74ACT257 Datasheet HTML 5Page - ON Semiconductor 74ACT257 Datasheet HTML 6Page - ON Semiconductor 74ACT257 Datasheet HTML 7Page - ON Semiconductor 74ACT257 Datasheet HTML 8Page - ON Semiconductor 74ACT257 Datasheet HTML 9Page - ON Semiconductor 74ACT257 Datasheet HTML 10Page - ON Semiconductor 74ACT257 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC74AC257, MC74ACT257
http://onsemi.com
7
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
TA = +25°C
TA =
−40°C to
+85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
5.5
1.5
2.0
2.0
or VCC − 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
5.5
1.5
0.8
0.8
or VCC − 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 mA
5.5
5.49
5.4
5.4
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 mA
5.5
0.001
0.1
0.1
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
DICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOZ
Maximum
3−State
Current
VI (OE) = VIL, VIH
5.5
±0.5
±5.0
mA
VI = VCC, GND
VO = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.


Similar Part No. - 74ACT257

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT257 STMICROELECTRONICS-74ACT257 Datasheet
87Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
74ACT257 STMICROELECTRONICS-74ACT257 Datasheet
286Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
74ACT257B STMICROELECTRONICS-74ACT257B Datasheet
87Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
74ACT257B STMICROELECTRONICS-74ACT257B Datasheet
286Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
74ACT257M STMICROELECTRONICS-74ACT257M Datasheet
87Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
More results

Similar Description - 74ACT257

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC253 ONSEMI-MC74AC253 Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC10H159 ONSEMI-MC10H159_06 Datasheet
155Kb / 7P
   Quad 2?묲nput Multiplexer
February, 2006 ??Rev. 7
MC74AC125 ONSEMI-MC74AC125_06 Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
MC10H173 ONSEMI-MC10H173 Datasheet
156Kb / 5P
   Quad 2?묲nput Multiplexer/Latch
June, 2006 ??Rev. 7
MC10H158 ONSEMI-MC10H158_06 Datasheet
154Kb / 6P
   Quad 2?묲nput Multiplexer (Non?묲nverting)
February, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74VHCT257A ONSEMI-MC74VHCT257A Datasheet
98Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
April, 2001 ??Rev. 1
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
ON Semiconductor
MC74VHCT257A ONSEMI-MC74VHCT257A_04 Datasheet
99Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com