Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FDSS2407 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part No. FDSS2407
Description  N-Channel Dual MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 10 page
background image
FDSS2407 Rev. A
www.fairchildsemi.com
10
PSPICE Electrical Model
.SUBCKT FDSS2407 2 1 3 101 102
;
rev July 2004
Ca 12 8 1e-10
Cb 15 14 4e-10
Cin 6 8 2.8e-10
Dbody 7 5 DbodyMOD
Dbreak 5 11 DbreakMOD
Dplcap 10 5 DplcapMOD
CGATE 9 20 5e-9
DDISABLE 20 101 DDISABLEMOD
DFBK1 104 103 DFBK1MOD
DFBK2 7 104 DFBK2MOD
DFBK3 104 102 DFBK3MOD
RFBK1 5 103 RFBK1MOD 13e3
RFBK2 104 7 RFBK2MOD 2.15e3
Ebreak 11 7 17 18 67.4
Eds 14 8 5 8 1
Egs 13 8 6 8 1
Esg 6 10 6 8 1
Evthres 6 21 19 8 1
Evtemp 20 6 18 22 1
It 8 17 1
Lgate 1 9 1.8e-9
Ldrain 2 5 1.0e-9
Lsource 3 7 0.6e-9
RLgate 1 9 18
RLdrain 2 5 10
RLsource 3 7 6
Mmed 16 6 8 8 MmedMOD
Mstro 16 6 8 8 MstroMOD
Mweak 16 21 8 8 MweakMOD
Rbreak 17 18 RbreakMOD 1
Rdrain 50 16 RdrainMOD 3.5e-2
Rgate 9 20 RgateMOD 8.63e3
RSLC1 5 51 RSLCMOD 1e-6
RSLC2 5 50 1e3
Rsource 8 7 RsourceMOD 5.3e-2
Rvthres 22 8 RvthresMOD 1
Rvtemp 18 19 RvtempMOD 1
S1a 6 12 13 8 S1AMOD
S1b 13 12 13 8 S1BMOD
S2a 6 15 14 13 S2AMOD
S2b 13 15 14 13 S2BMOD
Vbat 22 19 DC 1
ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*20),3.5))}
.MODEL DbodyMOD D (IS=1.1E-12 N=1.05 IKF=4e-1 RS=4.2e-2 TRS1=3e-4 TRS2=1.3e-6
+ CJO=3.3e-10 TT=3e-8 M=0.38, XTI=3.5)
.MODEL DbreakMOD D (RS=1 TRS1=1e-3 TRS2=-9e-6)
.MODEL DplcapMOD D (CJO=1.97e-10 IS=1e-30 N=10 M=0.84)
.MODEL DDISABLEMOD D (RS=30 IS=1e-15 BV=4.7 TBV1=-3e-4 TBV2=-3e-6 XTI=0)
.MODEL DFBK1MOD D (IS=1e-15 BV=23.8 IKF=2 TBV1=-6e-4 TBV2=6e-6)
.MODEL DFBK2MOD D (RS=1 IS=1e-30 BV=5.6 N=3.3 NBV=1)
.MODEL DFBK3MOD D (RS=1 IS=1e-15 BV=4.2 NBV=2.5)
.MODEL MmedMOD NMOS (VTO=1.7 KP=1.08 IS=1e-30 N=10 TOX=1 L=1u W=1u RG= 8.56e3)
.MODEL MstroMOD NMOS (VTO=2 KP=14 IS=1e-30 N=10 TOX=1 L=1u W=1u)
.MODEL MweakMOD NMOS (VTO=1.5 kp=0.04 IS=1e-30 N=10 TOX=1 L=1u W=1u RG= 8.56e4 RS=0.1)
.MODEL RbreakMOD RES (TC1=1.05e-3 TC2=-9e-7)
.MODEL RdrainMOD RES (TC1=9e-3 TC2=2.7e-5)
.MODEL RSLCMOD RES (TC1=2e-3 TC2=6e-6)
.MODEL RsourceMOD RES (TC1=3e-3 TC2=1e-6)
.MODEL RvthresMOD RES (TC1=-1.1e-3 TC2=-3.3e-6)
.MODEL RvtempMOD RES (TC1=-1.6e-3 TC2=1e-7)
.MODEL RFBK1MOD RES (TC1=-1.4e-3 TC2=1e-6)
.MODEL RFBK2MOD RES (TC1=-1.4e-3 TC2=1e-6)
.MODEL RgateMOD RES (TC1=-1.4e-3 TC2=1e-5)
.MODEL S1AMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-4.0 VOFF=-3.0)
.MODEL S1BMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-3.0 VOFF=-4.0)
.MODEL S2AMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-1.0 VOFF=-0.5)
.MODEL S2BMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-0.5 VOFF=-1.0)
.ENDS
Note: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global
Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank
Wheatley.
18
22
+
-
6
8
+
-
5
51
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ESLC
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6
101
GATE
INJ FBK
102
DISABLE
DDISABLE
RFBK1
DFBK1
DFBK2
DFBK3
103
104
CGATE
RFBK2




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI9926ADYDual N-Channel 2.5-V G-S MOSFET 1 2 3 4 Vishay Siliconix
SI4942DYDual N-Channel 40-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI7946DPDual N-Channel 150-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI1024XDual N-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI6925ADQDual N-Channel 2.5-V G-S MOSFET 1 2 3 Vishay Siliconix
SI4992EYDual N-Channel 75-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SFS4936Dual N-Channel MOSFET 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SI7970DPDual N-Channel 40-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
FDS8978Dual N-Channel PowerTrench MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
TSM6866D20V Dual N-Channel MOSFET w/ESD Protected 1 2 3 4 Taiwan Semiconductor Company, Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl