Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FDSS2407 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FDSS2407
Description  N-Channel Dual MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 1 page
background image
December 2004
©2004 Fairchild Semiconductor Corporation
FDSS2407 Rev. A
www.fairchildsemi.com
1
FDSS2407
N-Channel Dual MOSFET
62V, 3.3A, 132m
Features
62V, 132m
Ω, 5V Logic Level Gate Dual MOSFET in SO-8
5V Logic Level feedback signal of the drain to source
voltage. Multiple devices can be wired “OR’d” to a single
monitoring circuit input.
Gate Drive Disable Input. Multiple devices controllable by
a single disable transistor.
Qualified to AEC Q101
Applications
Automotive Injector Driver
Solenoid Driver
General Description
This dual N-Channel MOSFET provides added functions as
compared to a conventional Power MOSFET. These are: 1.
A drain to source voltage feedback signal and 2. A gate
drive disable control function that previously required
external discrete circuitry. Including these functions within
the MOSFET saves printed circuit board space. The drain to
source voltage feedback function provides a 5V level output
whenever the drain to source voltage is above 62V. This can
monitor the time an inductive load takes to dissipate its
stored energy. Multiple feedback signals can be wired
“OR’d” together to a single input of the monitoring circuit.
The gate disable function allows the device to be turned off
independent of the drive signal on the gate. This function
permits a second control circuit the ability to deactivate the
load if necessary. It can also be wired “OR’d” allowing
multiple devices to be controlled by a single open collector /
drain control transistor.
SO-8
Branding Dash
1
5
2
3
4
1
2
3
4
6
5
8
7
Source 1
Gate 1
Source 2
Gate 2
Drain 1
Gate Disable
Drain 2
Drain FBK
Internal Diagram
Pin 5 - Drain Feedback Output
Pin 7 - Gate Drive Disable Input




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI9926ADYDual N-Channel 2.5-V G-S MOSFET 1 2 3 4 Vishay Siliconix
SI4942DYDual N-Channel 40-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI7946DPDual N-Channel 150-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI1024XDual N-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI6925ADQDual N-Channel 2.5-V G-S MOSFET 1 2 3 Vishay Siliconix
SI4992EYDual N-Channel 75-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SFS4936Dual N-Channel MOSFET 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SI7970DPDual N-Channel 40-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
FDS8978Dual N-Channel PowerTrench MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
TSM6866D20V Dual N-Channel MOSFET w/ESD Protected 1 2 3 4 Taiwan Semiconductor Company, Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl