Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMG3C80D Datasheet(PDF) 1 Page - SanRex Corporation

Part # TMG3C80D
Description  TRIAC(Surface Mount Device/Non-isolated)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

TMG3C80D Datasheet(HTML) 1 Page - SanRex Corporation

  TMG3C80D Datasheet HTML 1Page - SanRex Corporation TMG3C80D Datasheet HTML 2Page - SanRex Corporation TMG3C80D Datasheet HTML 3Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TMG3C80D
TRIAC(Surface Mount Device / Non-isolated)
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
VDRM
Repetitive Peak Off-State Voltage
800
V
Symbol
Item
Reference
Ratings
3
Unit
IT(RMS)
R.M.S. On-State Current
ITSM
Surge On-State Current
Tc
=111℃
One cycle, 50Hz/60Hz, Peak value non-repetitive
I2t
I2t
(for fusing)
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IGM
Peak Gate Current
VGM
Peak Gate Voltage
A
27/30
A
3.7
1.5
A2S
W
0.1
Tj
Operating Junction Temperature
Tstg
Storage Temperature
Mass
1
W
A
7
V
−40∼+125
−40∼+150
0.32
g
Symbol
Item
Reference
Ratings
Min.
Typ.
Max.
Unit
IDRM
Repetitive Peak Off-State Current
VTM
Peak On-State Voltage
VD=VDRM, Single phase, half wave, Tj
=125℃
IT
=4.5A, Inst. measurement
I
GT1
1
2
3
4
Gate Trigger Current
I
GT1
I
GT3
I
GT3
VGD
Non-Trigger Gate Voltage
VD
=6V,RL=10Ω
mA
V
mA
0.2
5
2
1
1.4
15
15
15
1.5
1.5
1.5
3.8
60
V
GT1
1
2
3
4
Gate Trigger Voltage
V
GT1
V
GT3
V
GT3
V
Tj
=125℃,VD12VDRM
〔dv/dt〕c
Critical Rate of Rise of Off-State
Voltage at Commutation
IH
Holding Current
Rth
(j-c)
Thermal Resistance
Tj
=125℃,
〔di/dt〕
c
=−1.5A/ms,VD=400V
Junction to case
Rth
(j-a)
Junction to ambient
V
V/
μs
mA
℃/W
■Electrical Characteristics
2
2
6.60 
±
0.20
5.34 
±
0.30
2.30 
±
0.20
2.30 
±
0.20
2.30 
±
0.20
2.30 
±
0.10
0.76 
±
0.20
0.96 
±
0.20
0.50 
±
0.10
0.50 
±
0.10
(5.34)
(0.9)
1.02 
±
0.20
TC POINT
3
2
1
1 T1
2 T2
3 Gate
1
2
3
Identifying Code
T3C8D
TO-252
Mode 1( I
Trigger mode of the triac
Mode 2( I
Mode 3( III
Mode 4( III
Triac TMG3C80D is designed for full wave AC control applications.
It can be used as an ON/OFF function or for phase control operation.
Typical Applications
Home Appliances : Washing Machines, Vacuum Cleaners, Rice Cookers, Micro
Wave Ovens, Hair Dryers, other control applications
Industrial Use
: SMPS, Copier Machines, Motor Controls, Dimmer, SSR,
Heater Controls, Vending Machines, other control
applications
Features
IT(RMS)=3A
High Surge Current
Low Voltage Drop
Lead-Free Package
Unit
mm
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com


Similar Part No. - TMG3C80D

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
TMG3C80C SANREX-TMG3C80C Datasheet
476Kb / 3P
   TRIAC(Though Hole /Non-isolated)
TMG3C80F SANREX-TMG3C80F Datasheet
470Kb / 2P
   TRIAC(Through Hole/Isolated)
More results

Similar Description - TMG3C80D

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
TMG12CQ60H SANREX-TMG12CQ60H Datasheet
471Kb / 2P
   TRIAC(Surface Mount Device/Non-isolated)
TMG16CQ60H SANREX-TMG16CQ60H Datasheet
471Kb / 2P
   TRIAC(Surface Mount Device / Non-isolated)
TMG2DQ60D SANREX-TMG2DQ60D Datasheet
479Kb / 3P
   TRIAC(Surface Mount Device/Non-isolated)
TMG3CQ60D SANREX-TMG3CQ60D Datasheet
479Kb / 3P
   TRIAC(Surface Mount Device/Non-isolated)
TMG10CQ60H SANREX-TMG10CQ60H Datasheet
471Kb / 2P
   TRIAC(Surface Mount Device/Non-isolated)
TMG10D80H SANREX-TMG10D80H Datasheet
471Kb / 2P
   TRIAC(Surface Mount Device/Non-isolated)
TMG2D80D SANREX-TMG2D80D Datasheet
478Kb / 3P
   TRIAC(Surface Mount Device/Non-isolated)
TMG3DQ60D SANREX-TMG3DQ60D Datasheet
479Kb / 3P
   TRIAC(Surface Mount Device/Non-isolated)
TMG5C60D SANREX-TMG5C60D Datasheet
472Kb / 2P
   TRIAC(Surface Mount Device/Non-isolated)
TMG5CQ60H SANREX-TMG5CQ60H Datasheet
470Kb / 2P
   TRIAC(Surface Mount Device/Non-isolated)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com