Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC163MEL Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC74AC163MEL
Description  Synchronous Presettable Binary Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC163MEL Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC74AC163MEL Datasheet HTML 6Page - ON Semiconductor MC74AC163MEL Datasheet HTML 7Page - ON Semiconductor MC74AC163MEL Datasheet HTML 8Page - ON Semiconductor MC74AC163MEL Datasheet HTML 9Page - ON Semiconductor MC74AC163MEL Datasheet HTML 10Page - ON Semiconductor MC74AC163MEL Datasheet HTML 11Page - ON Semiconductor MC74AC163MEL Datasheet HTML 12Page - ON Semiconductor MC74AC163MEL Datasheet HTML 13Page - ON Semiconductor MC74AC163MEL Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MC74AC161, MC74ACT161, MC74AC163, MC74ACT163
http://onsemi.com
10
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74ACT161
74ACT161
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
Pn to CP
5.0
7.0
9.5
11.5
ns
3−9
th
Hold Time, HIGH or LOW
Pn to CP
5.0
−3.0
0
0
ns
3−9
ts
Setup Time, HIGH or LOW
PE to CP
5.0
6.0
8.5
9.5
ns
3−9
th
Hold Time, HIGH or LOW
PE to CP
5.0
−3.5
− 0.5
− 0.5
ns
3−9
ts
Setup Time, HIGH or LOW
CEP or CET to CP
5.0
4.0
5.5
6.5
ns
3−9
th
Hold Time, HIGH or LOW
CEP or CET to CP
5.0
−2.0
0
0
ns
3−9
tw
Clock Pulse Width (Load)
HIGH or LOW
5.0
2.0
3.0
3.5
ns
3−6
tw
Clock Pulse Width (Count)
HIGH or LOW
5.0
2.0
3.0
3.5
ns
3−6
tw
MR Pulse Width, LOW
5.0
3.0
3.0
7.5
ns
3−6
trec
Recovery Time
MR to CP
5.0
0
0
0.5
ns
3−9
*Voltage Range 5.0 V is 5.0 V ±0.5 V.


Similar Part No. - MC74AC163MEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC163 ONSEMI-MC74AC163 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
MC74AC163DG ONSEMI-MC74AC163DG Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
MC74AC163DR2G ONSEMI-MC74AC163DR2G Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
More results

Similar Description - MC74AC163MEL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com