Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5V416BWG-10H Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M5M5V416BWG-10H
Description  4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V416BWG-10H Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M5M5V416BWG-10H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V416BWG-10H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V416BWG-10H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V416BWG-10H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V416BWG-10H Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V416BWG-10H Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M5V416BWG-10H Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M5V416BWG-10H Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M5V416BWG-10H Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
M ITSUBISHI ELECTRIC
M5M5V416BWG
revision-W03, ' 98.12.16
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change
8
tsu (PD)
trec (PD)
ns
ms
2.2V
tsu (PD)
2.7V
2.7V
2.2V
trec (PD)
BC1 , BC2
Vcc - 0.2V
Vcc
V
V
2.0
Vcc (PD)
VI (S1)
Icc (PD)
2.0
BC1
+70°C
+25 ~ +40°C
+70 ~ +85°C
0 ~ +25°C
-20 ~ +25°C
-40 ~ +25°C
-HW
-HI
10
1
0.3
0.3
0.3
1
1
1
3
-
-
-
-
20
20
40
-
-
-
-
-
-
-
-
µA
µA
µA
µA
µA
µA
µA
µA
POWER DOWN CHARACTERISTICS
(1) ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test conditions
Limits
Min
Typ
Max
Units
Power down supply voltage
Chip select input S1
Power down
supply c urrent
Vcc=3.0V
(2) TIMING REQUIREMENTS
Symbol
Parameter
Test conditions
Limits
Min
Typ
Max
Units
Power down set up time
Power down recov ery t ime
(3) TIMING DIAGRAM
BC control mode
Typical value is for Ta=25°C
VI (BC)
Byte control input BC1 & BC2
2)
S1 Vcc - 0.2V
other inputs=0~3V
1)
BC1 and BC2 Vcc-0.2V
S1 0.2V or S2 Vcc-0.2V
other inputs=0~3V
>
=
<
=
>
=
V
2.0
>
=
BC2
2.2V
tsu (PD)
2.7V
2.7V
2.2V
trec (PD)
Vcc
S1
S1 control mode
S1
Vcc - 0.2V
>
=
0
5
+40 ~ +70°C
+70 ~ +85°C
V
VI (S2)
Chip select input S2
0.2
>
=
3)
S2
0.2V
other inputs=0~3V
0.2V
tsu (PD)
2.7V
2.7V
0.2V
trec (PD)
Vcc
S2
S2 control mode
S2
0.2V
-H
-HW, -HI
-L, -LW, -LI
-H, -HW, -HI
-LW, -LI


Similar Part No. - M5M5V416BWG-10H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V416BRT MITSUBISHI-M5M5V416BRT Datasheet
110Kb / 11P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V416BRT RENESAS-M5M5V416BRT Datasheet
150Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V416BRT-10H MITSUBISHI-M5M5V416BRT-10H Datasheet
110Kb / 11P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BRT-10HI MITSUBISHI-M5M5V416BRT-10HI Datasheet
110Kb / 11P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BRT-10HW MITSUBISHI-M5M5V416BRT-10HW Datasheet
110Kb / 11P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V416BWG-10H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V416BUG-70HI MITSUBISHI-M5M5V416BUG-70HI Datasheet
90Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W416CWG-85HI MITSUBISHI-M5M5W416CWG-85HI Datasheet
162Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M54R16AJ-10 MITSUBISHI-M5M54R16AJ-10 Datasheet
63Kb / 7P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BTP MITSUBISHI-M5M5V416BTP Datasheet
110Kb / 11P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V416CWG-55HI RENESAS-M5M5V416CWG-55HI_02 Datasheet
153Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5Y416CWG-85HI MITSUBISHI-M5M5Y416CWG-85HI Datasheet
82Kb / 9P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V416CWG RENESAS-M5M5V416CWG_15 Datasheet
176Kb / 12P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416CWG-55HI RENESAS-M5M5V416CWG-55HI Datasheet
252Kb / 9P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V416CWG-70HI MITSUBISHI-M5M5V416CWG-70HI Datasheet
173Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5Y416CWG-70HI MITSUBISHI-M5M5Y416CWG-70HI Datasheet
87Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com