Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMA1027P Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDMA1027P
Description  Dual P-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMA1027P Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDMA1027P Datasheet HTML 1Page - Fairchild Semiconductor FDMA1027P Datasheet HTML 2Page - Fairchild Semiconductor FDMA1027P Datasheet HTML 3Page - Fairchild Semiconductor FDMA1027P Datasheet HTML 4Page - Fairchild Semiconductor FDMA1027P Datasheet HTML 5Page - Fairchild Semiconductor FDMA1027P Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
October 2005
©2005 Fairchild Semiconductor Corporation
FDMA1027P Rev C1 (W)
FDMA1027P
Dual P-Channel PowerTrench
®
MOSFET
General Description
This device is designed specifically as a single package
solution for the battery charge switch in cellular handset
and other ultra-portable applications. It features two
independent P-Channel MOSFETs with low on-state
resistance for minimum conduction losses.
When
connected in the typical common source configuration,
bi-directional current flow is possible.
The MicroFET 2x2 package offers exceptional thermal
performance for it's physical size and is well suited to
linear mode applications.
Features
• –3.0 A, –20V. R
DS(ON) = 120 mΩ @ VGS = –4.5V
RDS(ON) = 160 mΩ @ VGS = –2.5V
RDS(ON) = 240 mΩ @ VGS = –1.8V
• Low profile – 0.8 mm maximum – in the new package
MicroFET 2x2 mm
3
2
1
4
5
6
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–20
V
VGSS
Gate-Source Voltage
±8
V
Drain Current
– Continuous
(Note 1a)
–2.2
ID
– Pulsed
–6
A
Power Dissipation for Single Operation
(Note 1a)
1.4
PD
(Note 1b)
0.7
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
86 (Single Operation)
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1b)
173 (Single Operation)
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1c)
69 (Dual Operation)
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1d)
151 (Dual Operation)
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
027
FDMA1027P
7 in
8 mm
3000 units
MicroFET
S1
G1
D1
S2
G2
D2
PIN 1
S1 G1
D2
D1 G2 S2
D1
D2


Similar Part No. - FDMA1027P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA1027P FAIRCHILD-FDMA1027P Datasheet
845Kb / 7P
   Dual P-Channel PowerTrench MOSFET
FDMA1027P FAIRCHILD-FDMA1027P Datasheet
863Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
FDMA1027PT FAIRCHILD-FDMA1027PT Datasheet
294Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET -20 V, -3 A, 120 m廓
FDMA1027P FAIRCHILD-FDMA1027P_06 Datasheet
845Kb / 7P
   Dual P-Channel PowerTrench MOSFET
FDMA1027P FAIRCHILD-FDMA1027P_08 Datasheet
863Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDMA1027P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA1029PZ FAIRCHILD-FDMA1029PZ Datasheet
123Kb / 7P
   Dual P-Channel PowerTrench MOSFET
SI9933ADY FAIRCHILD-SI9933ADY Datasheet
39Kb / 3P
   Dual P-Channel PowerTrench MOSFET
FDS6993 FAIRCHILD-FDS6993 Datasheet
159Kb / 8P
   Dual P-Channel PowerTrench MOSFET
FDMA1027P FAIRCHILD-FDMA1027P_06 Datasheet
845Kb / 7P
   Dual P-Channel PowerTrench MOSFET
logo
ON Semiconductor
NDC7003P ONSEMI-NDC7003P Datasheet
285Kb / 6P
   MOSFET - Dual P-Channel, POWERTRENCH
December, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FDS4885C FAIRCHILD-FDS4885C Datasheet
254Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8960C FAIRCHILD-FDS8960C Datasheet
175Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8962C FAIRCHILD-FDS8962C Datasheet
679Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958 FAIRCHILD-FDS8958 Datasheet
233Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS4935A FAIRCHILD-FDS4935A Datasheet
113Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com