Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSM0805RQST Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSM0805RQST
Description  Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSM0805RQST Datasheet(HTML) 2 Page - Vishay Siliconix

  VSM0805RQST Datasheet HTML 1Page - Vishay Siliconix VSM0805RQST Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For technical questions in the Americas, contact foilsupport1@vishay.com
For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com
www.vishay.com
23
VSM0805
Vishay Foil Resistors
Document Number: 63061
Revision 17-Aug-04
• ISRAEL: foilsales.israel@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com • UK/HOLLAND/SCANDANAVIA: foilsales.eunorth@vishay.com • GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
SALES
Bulk Metal
® Foil Technology
Discrete Surface Mount Chip Resistors
MODEL
CHIP SIZE
RESISTANCE VALUE
TOLERANCE
TERMINATION
PACKAGING
VSM
0805
RESISTANCE
LETTER
MULTIPLIER
T ± 0.01%
S - Lead (Pb)-free
T = Tape and
RANGE
DESIGNATOR
FACTOR
Q ± 0.02%
B - Tin/Lead
Reel
A ± 0.05%
W = Waffle
5Ω to <1KΩ
R
x 1.0
B ± 0.1%
PacK
Example: 249R00 = 249Ω
C ± 0.25%
D ± 0.5%
F ± 1.0%
T
W
L
D
T
W
L
1K to 12KΩ
K
x 103
Example: 10K000 = 10.0KΩ
FIGURE 3 - RECOMMENDED MOUNTING
CHIP
POWER MAXIMUM RESISTANCE MAXIMUM
SIZE
L
W
T
D
+ 70
°C VOLTAGE
RANGE
WEIGHT
Z*
G*
X*
± 0.005 (0.13) ± 0.005 (0.13) MAXIMUM ± 0.005 (0.13)
(mW)
(V)
(
)(mG)
± 0.004 (0.10) ± 0.004 (0.10) ± 0.004 (0.10)
0805
0.080 (2.03)
0.050 (1.27) 0.025 (0.64) 0.015 (0.38)
50
22
5.5 - 12K
6
0.122 (3.10)
0.028 (0.70)
0.050 (1.27)
*Land Pattern Dimensions (Z, G, X) are per IPC-782A
TABLE 3 - CHIP SIZES AND SPECIFICATIONS in inches (millimeters)
TABLE 4 - ORDERING INFORMATION - VSM STYLE CHIP RESISTORS
FIGURE 2 - POWER DERATING CURVE
125
100
75
50
25
0
-75
–50
–25
0
+25
+50
+75
+100 +125 +150 +175
Ambient Temperature (°C)
–55°C
+70°C
Rated Power
Footprint
G
Z
X
Top View
Bottom View
Recommended Land Pattern
25% to 85% of T
A low profile solder fillet is recommended
to avoid unnecessary stresses along
top edge of metallization. IR and vapor
phase reflow are best. Avoid the use of
cleaning agents which could attack
epoxy resins, which form part of the
resistor construction.


Similar Part No. - VSM0805RQST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSM VISHAY-VSM Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
logo
Banner Engineering Corp...
VSM BANNER-VSM Datasheet
656Kb / 7P
   VSM Series Micro Sensors
logo
Vecow Co., Ltd.
VSM-200 VECOW-VSM-200 Datasheet
234Kb / 1P
   SUMIT Expansion Card with 8-CH/ 4-CH H.264/ MPEG-4 Video Capture, -25째C to 70째C
VSM-200-4 VECOW-VSM-200-4 Datasheet
234Kb / 1P
   SUMIT Expansion Card with 8-CH/ 4-CH H.264/ MPEG-4 Video Capture, -25째C to 70째C
VSM-200-8 VECOW-VSM-200-8 Datasheet
234Kb / 1P
   SUMIT Expansion Card with 8-CH/ 4-CH H.264/ MPEG-4 Video Capture, -25째C to 70째C
More results

Similar Description - VSM0805RQST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS2516 VISHAY-VCS2516 Datasheet
92Kb / 2P
   Bulk Metal Foil Technology Surface Mount Current Sensing Chip Resistors
Revision 26-Jan-05
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
   Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 17-Aug-04
VSM1206 VISHAY-VSM1206 Datasheet
59Kb / 2P
   Bulk Metal짰 Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 21-May-03
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 23-Dec-03
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 16-Aug-04
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
VSMD1505 VISHAY-VSMD1505 Datasheet
71Kb / 2P
   Bulk Metal Foil Technology Miniature, Ultimate Tracking Surface Mount Divider
Revision 24-Oct-02
VSMP1206 VISHAY-VSMP1206 Datasheet
84Kb / 2P
   Z-Based Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor High Power - Excellent Long Term Stabilty
Revision 28-Oct-04
SMRC1D VISHAY-SMRC1D Datasheet
84Kb / 3P
   Bulk Metal짰 Foil Technology Surface Mount Precision Resistor
Revision 26-Mar-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com