Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD8620RGW Datasheet(PDF) 4 Page - Texas Instruments

Part # UCD8620RGW
Description  DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD8620RGW Datasheet(HTML) 4 Page - Texas Instruments

  UCD8620RGW Datasheet HTML 1Page - Texas Instruments UCD8620RGW Datasheet HTML 2Page - Texas Instruments UCD8620RGW Datasheet HTML 3Page - Texas Instruments UCD8620RGW Datasheet HTML 4Page - Texas Instruments UCD8620RGW Datasheet HTML 5Page - Texas Instruments UCD8620RGW Datasheet HTML 6Page - Texas Instruments UCD8620RGW Datasheet HTML 7Page - Texas Instruments UCD8620RGW Datasheet HTML 8Page - Texas Instruments UCD8620RGW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
www.ti.com
CONNECTION DIAGRAMS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
HTSSOP PACKAGE (PWP −16)
UCD8620 (TOP VIEW)
NC − No internal connection
NC
CLK
3V3
ISET
AGND
CTRL
CLF
ILIM
VIN
NC
VDD
PVDD
OUT1
OUT2
PGND
CS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
HTSSOP PACKAGE (PWP −16)
UCD8220 (TOP VIEW)
NC − No internal connection
NC
CLK
3V3
ISET
AGND
CTRL
CLF
ILIM
NC
NC
VDD
PVDD
OUT1
OUT2
PGND
CS
NC
ILIM
NC
CS
NC
QFN PACKAGE (RGW−20)
UCD8620 (BOTTOM VIEW)
20
19
18
17
16
6
7
8
9
10
CLK
NC
NC
VIN
NC
15 14 13 12 11
1
2
3
4
5
16
15
14
13
CLK
NC
NC
VDD
QFN PACKAGE (RSA−16)
UCD8220 (BOTTOM VIEW)
5
6
7
8
1
CLF
ILIM
NC
CS
2
3
4
12
11
10
9
UCD8220, UCD8620
SLUS652B – MARCH 2005 – REVISED SEPTEMBER 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGED DEVICES(1)(2)(3)
110-V HV STARTUP
TEMPERATURE RANGE
PowerPAD™
CIRCUIT
QFN-16 (RSA)(4)
QFN-20 (RGW)
HTSSOP-16 (PWP)
-40°C to 105°C
No
UCD8220PWP
UCD8220RSA
-
Yes
UCD8620PWP(5)
-
UCD8620RGW
(1)
HTSSOP-16 (PWP), QFN-16 (RSA), and QFN-20 (RGW) packages are available taped and reeled. Add R suffix to device type (e.g.
UCD8620PWPR) to order quantities of 2,000 devices per reel for the PWP package and 1,000 devices per reel for the RSA and RGW
packages.
(2)
These products are packaged in Pb-Free and Green lead finish of Pd-Ni-Au which is compatible with MSL level 1 at 255°C to 260°C
peak reflow temperature to be compatible with either lead free or Sn/Pb soldering operations.
(3)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(4)
Contact factory for availability of QFN packaging.
(5)
Product preview stage of development.
4


Similar Part No. - UCD8620RGW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD8220 TI1-UCD8220 Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220PWP TI1-UCD8220PWP Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220PWPR TI1-UCD8220PWPR Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220PWPRG4 TI1-UCD8220PWPRG4 Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
More results

Similar Description - UCD8620RGW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD8220 TI1-UCD8220_16 Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UC1827- TI-UC1827- Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com