Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDL-6443-AT11 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HEDL-6443-AT11
Description  Optical Incremental Housed Encoders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDL-6443-AT11 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HEDL-6443-AT11 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDL-6443-AT11 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDL-6443-AT11 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDL-6443-AT11 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDL-6443-AT11 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDL-6443-AT11 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDL-6443-AT11 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDL-6443-AT11 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Electrical Characteristics (over recommended operating conditions Typically at 25oC)
Notes
This device meets the ESD ratings below:
Class C per EIA/JESD22-A115-A (MM)
Class 1C per JESD22-A114-B (HBM)
Encoding Characteristics
Mechanical Characteristics (refer to page 2 and 3 for details)
Parameter
Symbol
Min.
Typical
Max.
Units
Notes
Supply Current
ICC
40
65
mA
High level Output Voltage
VOH
2.4
V
IOH = -2 mA min.
Low level Output Voltage
VOL
0.2
V
IOL = 25 mA max
Parameter
Symbol
Typical
Max.
Units
Pulse Width Error
∆P7
70
°e
State Width Error
∆S15
60
°e
Phase Error
Df
15
60
°e
Position Error
DQ
40
120
arcmin
Cycle Error
∆C10
45
°e
Index Pulse Width
Po
90
120
°e
Index rise time after Ch B fall
t1
500
800
ns
Index fall time after Ch A rise
t2
150
500
ns
Parameter
Dimension/Details
Tolerance
Units
Recommended Motor Shaft Diameters
Adhesive Mount
(recommended mounting glue type is Hernon 823
anaerobic glue or equivalent)
2, 3, 4
+/-.01
(+/-.0004)
mm
(in)
Allowable Motor Shaft Length
Coupling plate
Threaded mount
11.6 max
11.0 max
mm
Bolt Circle Diameter :
Coupling plate
Threaded mount
28.6
15.90
+/-0.1
+/-0.05
mm
Mounting Screw Size:
Coupling plate
Threaded mount
M2
M2x 3.5
mm
Max axial load
0.3
kgf
Max radial load
0.3
kgf
Bearing life (based on the above loading)
2 x 10 10
rev
Unit weight
22
gm
Sealing (per IEC 529)
IP50
Humidity
98% RH max
Non condensing
Vibration (per IEC 68-2-27)
20g @ 10 Hz ~ 500 Hz
Shock (per IEC 68-2-27)
30 g @ 11ms


Similar Part No. - HEDL-6443-AT11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-6443-AT11 HP-HEDL-6443-AT11 Datasheet
445Kb / 8P
   Incremental Housed Encoders
More results

Similar Description - HEDL-6443-AT11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-64XX HP-HEDL-64XX Datasheet
445Kb / 8P
   Incremental Housed Encoders
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com