Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM1324SMM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM1324SMM
Description  Three Terminal, Precision Adjustable Positive Voltage Regulator In Hermetic Style Packages
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OM1324SMM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM1324SMM Datasheet HTML 1Page - List of Unclassifed Manufacturers OM1324SMM Datasheet HTML 2Page - List of Unclassifed Manufacturers OM1324SMM Datasheet HTML 3Page - List of Unclassifed Manufacturers OM1324SMM Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.5 - 18
3.5
OM1324NTM, OM1324STM, OM1324NKM, OM1324SMM, OM1324NMM, OM1324N2M
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Reference Voltage
VREF
VDIFF = 3.0V, TA = 25°C1.238
1.262
VDIFF = 3.3V
1.225
1.270
V
VDIFF = 40V
1.225
1.270
Line Regulation
RLINE
3.0V ≤ VDIFF ≤ 40V, Vout = Vref, TA = 25°C-4.5
4.5
mV
(Note 1)
3.3V ≤ VDIFF ≤ 40V, Vout = Vref
•-9
9
Load Regulation
RLOAD
VDIFF = 3.0V, 10mA ≤ IL ≤ 1.5A, TA = 25°C-15
15
(Note 1)
VDIFF = 3.3V, 10mA ≤ IL ≤1.5A
-15
15
mV
VDIFF = 40V, 10mA ≤ IL ≤ 300mA, TA = 25°C-15
15
VDIFF = 40V, 10mA ≤ IL ≤ 195mA
-15
15
Thermal Regulation
VRTH
Vin = 14.6V, IL = 1.5A
-5
5
mV
Pd = 20 Watts, t = 20 ms, TA = 25°C
Ripple Rejection
RN
f = 120 Hz, Vout = Vref
66
dB
(Note 2)
CAdj = 10 µF
Adjustment Pin Current
IAdj
VDIFF = 3.0V, TA = 25°C100
VDIFF = 3.3V
100
µA
VDIFF = 40V
100
Adjustment Pin
∆IAdj
VDIFF = 3.0V, 10mA ≤ IL ≤ 1.5A, TA = 25°C-5
5
Current Change
VDIFF = 3.3V, 10mA ≤ IL ≤1.5A
-5
5
VDIFF = 40V, 10mA ≤ IL ≤ 300mA, TA = 25°C-5
5
VDIFF = 40V, 10mA ≤ IL ≤ 195mA
-5
5
µA
3.0V ≤ VDIFF ≤ 40V, TA = 25°C-5
5
3.3V ≤ VDIFF ≤ 40V
-5
5
Miminum Load Current
ILmin
VDIFF = 3.0V, VOUT = 1.4V (forced)
5.0
VDIFF = 3.3V, VOUT = 1.4V (forced)
5.0
mA
VDIFF = 40V, VOUT = 1.4V (forced)
5.0
Current Limit
ICL
VDIFF = 15V
1.5
3.5
(Note 2)
VDIFF = 40V, TA = 25°C0.18
1.5
A
Notes:
1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
2. If not tested, shall be guaranteed to the specified limits.
3. The
denotes the specifications which apply over the full operating temperature range.
PART NUMBER DESIGNATOR
Standard Military Drawing Number
Omnirel Part Number
Omnirel Package Designation
7703405M
OM1324SMM
SMD-3
7703405U
OM1324STM
TO-257 (Isolated)
7703405T
OM1324NTM
TO-257 (non-Isolated)
7703405Y
OM1324 NKM
TO-3
7703405N
OM1324NMM
SMD-1
77034052
OM1324N2M
LCC-20
ELECTRICAL CHARACTERISTICS -55°C ≤ T
A ≤ 125°C, IL = 8mA (unless otherwise specified)
OM1324NTM, OM1324STM, OM1324NKM, OM1324SMM, OM1324NMM


Similar Part No. - OM1324SMM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM1324SMM IRF-OM1324SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703405
More results

Similar Description - OM1324SMM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1325SMM ETC1-OM1325SMM Datasheet
38Kb / 4P
   Three Terminal, Precision Adjustable Negative Voltage Regulator In Hermetic Style Packages
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
International Rectifier
OM2990 IRF-OM2990 Datasheet
81Kb / 6P
   Three Terminal, Fixed Voltage, Low Dropout Negative Voltage Regulator In Hermetic Packages
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
logo
List of Unclassifed Man...
OM7603ST ETC2-OM7603ST Datasheet
38Kb / 4P
   Three Terminal, Adjustable Voltage, 1.5 Amp Precision Negative Regulator In Hermetic JEDEC TO-257AA Package
logo
International Rectifier
OM7603SM IRF-OM7603SM Datasheet
30Kb / 2P
   Three Terminal, Adjustable Voltage, 1.0 Amp Precision Negative Regulator In A Hermetic Surface Mount Package
logo
ON Semiconductor
LM317L ONSEMI-LM317L Datasheet
184Kb / 12P
   LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
logo
International Rectifier
OM7628NM IRF-OM7628NM Datasheet
20Kb / 2P
   HERMETIC SURFACE MOUNT ADJUSTABLE POSITIVE VOLTAGE REGULATOR
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com