Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSDEMN11XV6T5 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSDEMN11XV6T5
Description  Common Cathode Quad Array Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSDEMN11XV6T5 Datasheet(HTML) 1 Page - ON Semiconductor

  NSDEMN11XV6T5 Datasheet HTML 1Page - ON Semiconductor NSDEMN11XV6T5 Datasheet HTML 2Page - ON Semiconductor NSDEMN11XV6T5 Datasheet HTML 3Page - ON Semiconductor NSDEMN11XV6T5 Datasheet HTML 4Page - ON Semiconductor NSDEMN11XV6T5 Datasheet HTML 5Page - ON Semiconductor NSDEMN11XV6T5 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2003
February, 2003 - Rev. 1
1
Publication Order Number:
NSDEMN11XV6T1/D
NSDEMN11XV6T1,
NSDEMN11XV6T5
Common Cathode Quad
Array Switching Diode
This Common Cathode Epitaxial Planar Quad Diode is designed for
use in ultra high speed switching applications. This device is housed in
the SOT-563 package which is designed for low power surface mount
applications, where board space is at a premium.
Fast t
rr
Low C
D
Available in 8 mm; 7 Inch Tape and Reel
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
80
Vdc
Peak Reverse Voltage
VRM
80
Vdc
Forward Current
IF
100
mAdc
Peak Forward Current
IFM
300
mAdc
Peak Forward Surge Current
IFSM
(Note 1)
2.0
Adc
1. t = 1
mS
THERMAL CHARACTERISTICS
Characteristic
(One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
357
(Note 2)
2.9
(Note 2)
mW
mW/
°C
Thermal Resistance Junction-to-Ambient
RqJA
350
(Note 2)
°C/W
Characteristic
(Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
500
(Note 2)
4.0
(Note 2)
mW
mW/
°C
Thermal Resistance Junction-to-Ambient
RqJA
250
(Note 2)
°C/W
Junction and Storage Temperature
TJ, Tstg
- 55 to
+150
°C
2. FR-4 @ Minimum Pad
http://onsemi.com
SOT-563
CASE 463A
PLASTIC
1
2
3
6
5 4
N9 = Specific Device Code
D
= Date Code
MARKING
DIAGRAM
N9 D
(1)
(2)
(3)
(4)
(5)
(6)
Device
Package
Shipping
ORDERING INFORMATION
NSDEMN11XV6T1
SOT-563
4 mm pitch
4000/Tape & Reel
NSDEMN11XV6T5
SOT-563
2 mm pitch
8000/Tape & Reel


Similar Part No. - NSDEMN11XV6T5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSDEMN11XV6T5 ONSEMI-NSDEMN11XV6T5 Datasheet
54Kb / 4P
   Common Cathode Quad Array Switching Diode
May, 2006 ??Rev. 2
NSDEMN11XV6T5G ONSEMI-NSDEMN11XV6T5G Datasheet
54Kb / 4P
   Common Cathode Quad Array Switching Diode
May, 2006 ??Rev. 2
More results

Similar Description - NSDEMN11XV6T5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSDEMN11DXV6T1 ONSEMI-NSDEMN11DXV6T1 Datasheet
54Kb / 4P
   Common Cathode Quad Array Switching Diode
May, 2006 ??Rev. 2
logo
Diodes Incorporated
MMBD4148PLM DIODES-MMBD4148PLM_15 Datasheet
123Kb / 3P
   FIVE ELEMENT COMMON CATHODE SWITCHING DIODE ARRAY
MMBD4148PLM DIODES-MMBD4148PLM Datasheet
123Kb / 3P
   FIVE ELEMENT COMMON CATHODE SWITCHING DIODE ARRAY
logo
ON Semiconductor
NSDEMP11XV6T1 ONSEMI-NSDEMP11XV6T1 Datasheet
49Kb / 4P
   Common Anode Quad Array Switching Diode
February, 2003 - Rev. 1
NSDEMP11XV6T1 ONSEMI-NSDEMP11XV6T1_06 Datasheet
51Kb / 3P
   Common Anode Quad Array Switching Diode
May, 2006 ??Rev. 3
logo
Siemens Semiconductor G...
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
   Silicon Switching Diode Array (For high-speed switching Common cathode)
BAV70S SIEMENS-BAV70S Datasheet
77Kb / 4P
   Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAV70W SIEMENS-BAV70W Datasheet
70Kb / 4P
   Silicon Switching Diode Array (For high speed switching applications Common cathode)
logo
Motorola, Inc
MSD6100 MOTOROLA-MSD6100 Datasheet
64Kb / 4P
   Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV70L ONSEMI-BAV70L Datasheet
94Kb / 4P
   Dual Switching Diode Common Cathode
October, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com