Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDL-6402-IP11 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HEDL-6402-IP11
Description  Optical Incremental Housed Encoders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDL-6402-IP11 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HEDL-6402-IP11 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDL-6402-IP11 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDL-6402-IP11 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDL-6402-IP11 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDL-6402-IP11 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDL-6402-IP11 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDL-6402-IP11 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDL-6402-IP11 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Output Waveforms
Direction of Motor Rotation
When the codewheel rotates in the clockwise direction (top view), channel A will lead channel B. If
the codewheel rotates in the counterclockwise direction, channel B will lead channel A.
Recommended Operating Conditions
Pin Assignment
Absolute Maximum Ratings
Pin
Signal
Description
Storage Temperature
-40
°C to 100°C
PIN 1
Ch A
Digital output
Operating Temperature
-25
°C to 90°C
PIN 2
Ch A’
Digital output
Supply Voltage
4.5 V to 5.5 V
PIN 3
Ground
Ground
Output Voltage
-0.5 V to 5.5V
PIN 4
Ch B
Digital output
Output Current per Channel
-2.0 mA to 25 mA
PIN 5
Ch B’
Digital output
Frequency
100 kHz
PIN 6
Vcc
Input voltage
Note s
rpm = frequency * 60 / cpr
Absolute Maximum Rating are those values beyond which the
safety of the device cannot be guaranteed. They are not meant
to imply that the device should be operated at these limits. The
table “Recommended Operating Conditions and
Characteristics” provides conditions for actual device
operation.
PIN 7
Index
Digital output
PIN 8
Index’
Digital output
Parameter
Symbol
Min.
Typical
Max.
Units
Notes
Temperature
TA
025
90
°C
Supply Voltage
VCC
4.5
5.0
5.5
Volts
Amplitude
Channel A
Channel B
Index
s1
s2
s3
s4
C
P
o
P 0
t2
t1
Codewheel Rotation


Similar Part No. - HEDL-6402-IP11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-6402-IP11 HP-HEDL-6402-IP11 Datasheet
445Kb / 8P
   Incremental Housed Encoders
More results

Similar Description - HEDL-6402-IP11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-64XX HP-HEDL-64XX Datasheet
445Kb / 8P
   Incremental Housed Encoders
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com