Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC49500-1.2WR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC49500-1.2WR
Description  5A Dual Supply, Low Voltage, High Bandwidth LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC49500-1.2WR Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC49500-1.2WR Datasheet HTML 2Page - Micrel Semiconductor MIC49500-1.2WR Datasheet HTML 3Page - Micrel Semiconductor MIC49500-1.2WR Datasheet HTML 4Page - Micrel Semiconductor MIC49500-1.2WR Datasheet HTML 5Page - Micrel Semiconductor MIC49500-1.2WR Datasheet HTML 6Page - Micrel Semiconductor MIC49500-1.2WR Datasheet HTML 7Page - Micrel Semiconductor MIC49500-1.2WR Datasheet HTML 8Page - Micrel Semiconductor MIC49500-1.2WR Datasheet HTML 9Page - Micrel Semiconductor MIC49500-1.2WR Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
MIC49500
November 2005
6
M9999-110805
(408) 955-1690
Typical Characteristics
0.01
0.1
1
10
1
FREQUENCY (kHz)
Output Noise
Spectral Density
0.1
0.01
10 100 1,000 10,000
VIN = 3.8V
VOUT = 2.8V
COUT = 10µF
IOUT = 10mA


Similar Part No. - MIC49500-1.2WR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49500-1.2WR MICREL-MIC49500-1.2WR Datasheet
221Kb / 11P
   5A Dual Supply, Low Voltage, High Bandwidth LDO
More results

Similar Description - MIC49500-1.2WR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49500 MICREL-MIC49500_07 Datasheet
221Kb / 11P
   5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581_07 Datasheet
431Kb / 9P
   5A Dual Input LDO
logo
Advanced Monolithic Sys...
AMS1084 AMS-AMS1084 Datasheet
1Mb / 11P
   5A LDO VOLTAGE REGULATOR
logo
Silan Microelectronics ...
SA1084 SILAN-SA1084 Datasheet
451Kb / 10P
   5A LDO VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC47150 MICREL-MIC47150 Datasheet
581Kb / 11P
   1.5A, Low Voltage, Adjustable, High-Bandwidth LDO Regulator with Dual Input Supplies
MIC61300 MICREL-MIC61300_11 Datasheet
1,003Kb / 22P
   Low Input Voltage, Single-Supply High-Current LDO
MIC61150 MICREL-MIC61150 Datasheet
1Mb / 22P
   Low Input Voltage, Single-Supply High-Current LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com