Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9310AEUP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9310AEUP
Description  1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9310AEUP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9310AEUP Datasheet HTML 2Page - Maxim Integrated Products MAX9310AEUP Datasheet HTML 3Page - Maxim Integrated Products MAX9310AEUP Datasheet HTML 4Page - Maxim Integrated Products MAX9310AEUP Datasheet HTML 5Page - Maxim Integrated Products MAX9310AEUP Datasheet HTML 6Page - Maxim Integrated Products MAX9310AEUP Datasheet HTML 7Page - Maxim Integrated Products MAX9310AEUP Datasheet HTML 8Page - Maxim Integrated Products MAX9310AEUP Datasheet HTML 9Page - Maxim Integrated Products MAX9310AEUP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
Q0
Noninverting Differential Output 0. Typically terminated with 100
Ω to Q0.
2
Q0
Inverting Differential Output 0. Typically terminated with 100
Ω to Q0.
3
Q1
Noninverting Differential Output 1. Typically terminated with 100
Ω to Q1.
4
Q1
Inverting Differential Output 1. Typically terminated with 100
Ω to Q1.
5
Q2
Noninverting Differential Output 2. Typically terminated with 100
Ω to Q2.
6
Q2
Inverting Differential Output 2. Typically terminated with 100
Ω to Q2.
7
Q3
Noninverting Differential Output 3. Typically terminated with 100
Ω to Q3.
8
Q3
Inverting Differential Output 3. Typically terminated with 100
Ω to Q3.
9
Q4
Noninverting Differential Output 4. Typically terminated with 100
Ω to Q4.
10
Q4
Inverting Differential Output 4. Typically terminated with 100
Ω to Q4.
11
GND
Ground
12
CLKSEL
Clock Select Input. Drive low to select the CLK0, CLK0 input. Drive high to select the CLK1,
CLK1 input. The CLKSEL threshold is equal to VBB. Internal 60k
Ω pulldown to GND.
13
CLK0
Noninverting Differential Clock Input 0. Internal 75k
Ω pulldown to GND.
14
CLK0
Inverting Differential Clock Input 0. Internal 75k
Ω pullup to VCC and 75kΩ pulldown to GND.
15
VBB
Reference Output Voltage. Connect to the inverting or noninverting clock input to provide a
reference for single-ended operation. When used, bypass with a 0.01µF ceramic capacitor to
VCC; otherwise, leave open.
16
CLK1
Noninverting Differential Input 1. Internal 75k
Ω pulldown to GND.
17
CLK1
Inverting Differential Input 1. Internal 75k
Ω pullup to VCC and 75kΩ pulldown to GND.
18, 20
VCC
Positive Supply Voltage. Bypass VCC to GND with 0.1µF and 0.01µF ceramic capacitors. Place
the capacitors as close to the device as possible with the smaller value capacitor closest to the
device.
19
EN
Output Enable Input. Outputs are synchronously enabled on the falling edge of the selected
clock input when EN is low. Outputs are synchronously driven to a differential low state on the
falling edge of the selected clock input when EN is high. Internal 60k
Ω pulldown to GND
(Figure 3).
1:5 Clock Driver with Selectable LVPECL
Inputs/Single-Ended Inputs and LVDS Outputs


Similar Part No. - MAX9310AEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
MAX931-MAX934 MAXIM-MAX931-MAX934 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
MAX9311 MAXIM-MAX9311 Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9311ECJ MAXIM-MAX9311ECJ Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9311EGJ MAXIM-MAX9311EGJ Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
More results

Similar Description - MAX9310AEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9317-MAX9317C MAXIM-MAX9317-MAX9317C Datasheet
315Kb / 10P
   Dual 1:5 Differential Clock Drivers with LVPECL Inputs and LVDS Outputs
Rev 0; 7/02
logo
Integrated Device Techn...
ICS853S014I IDT-ICS853S014I Datasheet
248Kb / 20P
   Two selectable differential LVPECL clock inputs
logo
Analog Devices
ADCLK950 AD-ADCLK950_16 Datasheet
389Kb / 12P
   Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK950 AD-ADCLK950 Datasheet
879Kb / 12P
   Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK954 AD-ADCLK954 Datasheet
350Kb / 12P
   Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. A
ADCLK954 AD-ADCLK954_16 Datasheet
386Kb / 12P
   Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK948 AD-ADCLK948_16 Datasheet
387Kb / 12P
   Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK948 AD-ADCLK948 Datasheet
716Kb / 12P
   Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
Integrated Device Techn...
IDT5T9310 IDT-IDT5T9310_05 Datasheet
231Kb / 13P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II Selectable inputs
8735-31 IDT-8735-31 Datasheet
350Kb / 21P
   Selectable differential clock inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com