Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4053EMSE-4.2 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4053EMSE-4.2
Description  USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4053EMSE-4.2 Datasheet(HTML) 1 Page - Linear Technology

  LTC4053EMSE-4.2 Datasheet HTML 1Page - Linear Technology LTC4053EMSE-4.2 Datasheet HTML 2Page - Linear Technology LTC4053EMSE-4.2 Datasheet HTML 3Page - Linear Technology LTC4053EMSE-4.2 Datasheet HTML 4Page - Linear Technology LTC4053EMSE-4.2 Datasheet HTML 5Page - Linear Technology LTC4053EMSE-4.2 Datasheet HTML 6Page - Linear Technology LTC4053EMSE-4.2 Datasheet HTML 7Page - Linear Technology LTC4053EMSE-4.2 Datasheet HTML 8Page - Linear Technology LTC4053EMSE-4.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4053-4.2
1
4053fa
Cellular Telephones
Handheld Computers
Charging Docks and Cradles
MP3 Players
Digital Cameras
Charges Single-Cell Li-Ion Batteries Directly from
USB Port
Thermal Regulation Maximizes Charge Rate
without Risk of Overheating*
Programmable Charge Current with
±7% Accuracy
Low Dropout Operation
No External MOSFET, Sense Resistor or Blocking
Diode Required
Programmable Charge Termination Timer
Preset Charge Voltage with
±1% Accuracy
C/10 Charge Current Detection Output
AC Present Logic Output
25
µA Supply Current in Shutdown Mode
Automatic Recharge
Charge Current Monitor Useful for Gas Gauging
Thermistor Input for Temperature Qualified Charging
Available in 10-pin thermally enhanced MSOP and
low profile (0.75mm) 3mm
× 3mm DFN packages
USB Compatible
Lithium-Ion Battery Charger
with Thermal Regulation
The LTC
®4053 is a standalone linear charger for lithium-
ion batteries that can be powered directly from a USB port.
The IC contains an on-chip power MOSFET and eliminates
the need for an external sense resistor and blocking diode.
Thermal regulation automatically adjusts charge current
to limit die temperature during high power or high ambient
temperature conditions. This feature protects the end
product and the LTC4053 from thermal stress while the IC
charges the battery at maximum rate without interruption.
The charge current and charge time can be set externally
with a single resistor and capacitor, respectively. When
the input supply (wall adapter or USB supply) is removed,
the LTC4053 automatically enters a low current sleep
mode, dropping the battery drain current to less than 5
µA.
The LTC4053 also includes NTC temperature sensing,
C/10 detection circuitry, AC present logic, low battery
charge conditioning (trickle charging) and shutdown (25
µA
supply current).
The LTC4053 is available in 10-pin thermally enhanced
MSOP and low profile (0.75mm) DFN packages.
, LTC and LT are registered trademarks of Linear Technology Corporation.
USB PORT
4.35V TO 5.5V
4.7
µF
4053TA01
4
2
USB CONTROL
µC
Li-Ion
BATTERY
SYSTEM
LOAD
+
0.1
µF
15k
100mA/
500mA
SUSPEND
3.74k
SHDN
VCC
GND NTC
9
8
7
56
PROG
LTC4053-4.2
BAT
TIMER
USB Powered Standalone Li-Ion Charger
Protected by U.S. Patents including 6522118, 6700364.
Charge Current vs Input Voltage
VCC (V)
4.0
600
500
400
300
200
100
0
4.5
5.0
4053 G04
5.5
TA = 25°C
RPROG = 3k
VBAT = 3.95V
VBAT = 4.15V
VBAT = 4.05V
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC4053EMSE-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4053 LINER-LTC4053 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4053 LINER-LTC4053 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4053 LINER-LTC4053 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4053-4.2 LINER-LTC4053-4.2_15 Datasheet
210Kb / 16P
   USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
More results

Similar Description - LTC4053EMSE-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4053-4.2 LINER-LTC4053-4.2_15 Datasheet
210Kb / 16P
   USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
LTC1733 LINER-LTC1733 Datasheet
169Kb / 16P
   Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
LTC1733 LINER-LTC1733_15 Datasheet
180Kb / 16P
   Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
logo
Shanghai Consonance Ele...
CN3052A CONSONANCE-CN3052A Datasheet
203Kb / 11P
   USB-Compatible Lithium Ion Battery Charger
CN3062 CONSONANCE-CN3062 Datasheet
269Kb / 12P
   USB-Compatible Lithium Battery Charger
logo
Texas Instruments
BQ24230 TI1-BQ24230_15 Datasheet
2Mb / 47P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4057 HMSEMI-HM4057 Datasheet
882Kb / 8P
   Independent linear lithium battery charger with thermal regulation function
logo
Texas Instruments
BQ24232HA TI1-BQ24232HA Datasheet
1Mb / 36P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
ACE Technology Co., LTD...
ACE45677D ACE-ACE45677D Datasheet
455Kb / 5P
   Standalone 1A Linear Lithium Battery Charger With Thermal Regulation
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com