Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V9179L12PFI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT70V9179L12PFI
Description  HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V9179L12PFI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT70V9179L12PFI Datasheet HTML 1Page - Integrated Device Technology IDT70V9179L12PFI Datasheet HTML 2Page - Integrated Device Technology IDT70V9179L12PFI Datasheet HTML 3Page - Integrated Device Technology IDT70V9179L12PFI Datasheet HTML 4Page - Integrated Device Technology IDT70V9179L12PFI Datasheet HTML 5Page - Integrated Device Technology IDT70V9179L12PFI Datasheet HTML 6Page - Integrated Device Technology IDT70V9179L12PFI Datasheet HTML 7Page - Integrated Device Technology IDT70V9179L12PFI Datasheet HTML 8Page - Integrated Device Technology IDT70V9179L12PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
©2002 Integrated Device Technology, Inc.
JANUARY 2002
DSC-5645/1
1
.unctional Block Diagram
.eatures:
x
True Dual-Ported memory cells which allow simultaneous
access of the same memory location
x
High-speed clock to data access
– Commercial: 7.5/9/12ns (max.)
Industrial: 9ns (max)
x
Low-power operation
– IDT70V9179L
Active: 500mW (typ.)
Standby: 1.5mW (typ.)
x
Flow-Through or Pipelined output mode on either port via
the
FT/PIPE pins
x
Counter enable and reset features
x
Dual chip enables allow for depth expansion without
additional logic
x
Full synchronous operation on both ports
– 4ns setup to clock and 0ns hold on all control, data, and
address inputs
– Data input, address, and control registers
– Fast 7.5ns clock to data out in the Pipelined output mode
– Self-timed write allows fast cycle time
– 12ns cycle time, 83MHz operation in Pipelined output mode
x
LVTTL- compatible, single 3.3V (±0.3V) power supply
x
Industrial temperature range (–40°C to +85°C) is
available for selected speeds
x
Available in a 100-pin Thin Quad Flatpack (TQFP)
IDT70V9179L
R/
WR
OER
CE0R
CE1R
FT/PIPER
0
1
0/1
I/O
Control
MEMORY
ARRAY
Counter/
Address
Reg.
I/O
Control
5645 drw 01
A14R
A0R
CLKR
ADSR
CNTENR
CNTRSTR
A0L
CLKL
ADSL
A14L
CNTENL
CNTRSTL
Counter/
Address
Reg.
R/
WL
CE0L
OEL
CE1L
I/O0L -I/O8L
I/O0R -I/O8R
1
0/1
0
1
0/1
0
0/1
1
0
FT/PIPEL
HIGH-SPEED 3.3V 32K x 9
SYNCHRONOUS PIPELINED
DUAL-PORT STATIC RAM
PRELIMINARY


Similar Part No. - IDT70V9179L12PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9179L12PFI IDT-IDT70V9179L12PFI Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V9179L12PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V9179 RENESAS-70V9179 Datasheet
286Kb / 18P
   HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Feb.18.20
logo
Integrated Device Techn...
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT709179L IDT-IDT709179L Datasheet
179Kb / 15P
   HIGH-SPEED 32K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_14 Datasheet
184Kb / 17P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9169 RENESAS-IDT70V9169 Datasheet
334Kb / 17P
   HIGH-SPEED 3.3V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT70V9199 IDT-IDT70V9199_18 Datasheet
203Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com