Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMP-2689 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HDMP-2689
Description  Quad 2.125/1.0625 GBd Fibre Channel General Purpose SerDes
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-2689 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HDMP-2689 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
Table 4. HDMP-2689 Transmitter Section Timing Characteristics,
TC = 0°C to TC = 85°C, VDDQ = 2.3 to 2.7 V, VDD = 1.7 to 1.9 V, VDDA = 1.7 to 1.9 V
Symbol
Parameters
Units
Min
Typ
Max
1G
Tx
CDS
[1,2]
Clock to data skew time; the data must be stable by T
CDS after the clock edge to
ps
300
guarantee correct clocking of the data
Tx
H
[2]
Hold time; the time after the clock edge until which the data must remain stable
ps
2000
to guarantee correct clocking of the data
t_TXlat_buffer[3]
Transmitter latency; the time between the latching edge of the transmit byte clock
ns
80
TCn and the leading edge of the first transmitted serial output bit in buffer mode
bits
85
t_TXlat_codec[3]
Transmitter latency; the time between the leading edge of the transmit byte clock
ns
90
TCn and the leading edge of the first transmitted serial output bit in codec mode
bits
95.5
2G
Tx
CDS
[1,2]
Clock to data skew time; the data must be stable by T
CDS after the clock edge to
ps
300
guarantee correct clocking of the data
Tx
H
[2]
Hold time; the time after the clock edge until which the data must remain stable to
ps
2000
guarantee correct clocking of the data
t_TXlat_buffer[3]
Transmitter latency; the time between the latching edge of the transmit byte clock
ns
65
TCn and the leading edge of the first transmitted serial output bit in buffer mode
bits
138
t_TXlat_codec[3]
Transmitter latency; the time between the leading edge of the transmit byte clock
ns
70
TCn and the leading edge of the first transmitted serial output bit in codec mode
bits
149
Notes:
1. This clock-to-data skew time is equivalent to –300ps setup time.
2. Measurement conditions were V
IH = VDDQ, VIL = GND.
3. Due to the FIFO which aligns the phase of the internal chip clock with the transmit byte clock (TCn) and the asynchronous nature of the chip reset, the
typical latency varies; a maximum of the typical range is given.
Figure 9. Transmitter Timing Diagram.
9.4 ns
TCn
TDn[9:0]
Tx
H
Tx
CDH
Case A. Tx Half Rate SDR Timing
9.4 ns
TCn
TDn[9:0]
Tx
H
Tx
CDH
Case B. Tx Full Rate DDR Timing
Tx
CDH
Tx
H
Test Conditions: V
IH = VDDQ
, VIL = GND


Similar Part No. - HDMP-2689

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-2634 HP-HDMP-2634 Datasheet
258Kb / 23P
   2.5/1.25 GBd Serdes Circuit
More results

Similar Description - HDMP-2689

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII2024 SILICONIMAGE-SII2024 Datasheet
995Kb / 2P
   Fibre Channel Quad SerDes
logo
Broadcom Corporation.
AFCT-57R5APZ BOARDCOM-AFCT-57R5APZ Datasheet
211Kb / 19P
   SFP, 1310 nm, 4 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
logo
Silicon image
SIIPB0029 SILICONIMAGE-SIIPB0029 Datasheet
995Kb / 2P
   Fibre Channel Quad SerDes
logo
Broadcom Corporation.
AFCT-57R5ATPZ BOARDCOM-AFCT-57R5ATPZ Datasheet
204Kb / 20P
   SFP, 1310 nm, 10 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
logo
Agilent(Hewlett-Packard...
HFBR-5720L HP-HFBR-5720L Datasheet
293Kb / 16P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
logo
Infineon Technologies A...
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
logo
Silicon image
SII2022 SILICONIMAGE-SII2022 Datasheet
997Kb / 2P
   Fibre Channel SerDes
logo
Infineon Technologies A...
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
   Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-59L1AGEZ AVAGO-HFBR-59L1AGEZ Datasheet
258Kb / 13P
   1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com